Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # DSF
Description  Thin, Flexible, Weatherproof, Resonant Microwave Absorber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DSF Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  DSF Datasheet HTML 1Page - Laird Tech Smart Technology DSF Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb® DSF
Thin, Flexible, Weatherproof, Resonant Microwave Absorber
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
CORROSION-RESISTANT RESONANT MICROWAVE ABSORBER
Eccosorb DSF is a thin, flexible, narrow band absorber that reflects -20 dB or less of normal
incident microwave energy at the design frequency in the range of 3 to 22 GHz. Eccosorb
DSF is a dielectrically loaded, silicone rubber sheet. Unlike typical iron-filled silicone
absorbers, no oxidation is possible due to the chemical nature of the patented dielectric
pigmentation system. The material is impervious to moisture and can be used outdoors.
FEATURES AND BENEFITS
• High power performance
• Narrow band performance
• Oxidation-resistant
MARKETS
• Commercial Telecom
• Security and Defense
• Automotive
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB DSF
Max Service Temperature °C (°F)
163 ( 325)
Water Absorption after 14 days
0.001 %
Hardness (Shore A)
80
Density Range (g/cm³)
1.9 - 2.2
Tensile Strength (MPa)
3.2 - 3.5
Elongation at break (%)
39 - 51
Tear Strength (N/mm)
1.1 - 2.2
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
APPLICATIONS
• Eccosorb DSF is ideally suited for applications requiring absorption at a specific frequency
or in a narrow frequency band, including:
-lining radar nacelles, particularly where high power is present
-attaching to masts of ships, walls, etc. to reduce reflections and echoes to nearby
antennas
-attaching to vehicles to reduce overall radar signature.
• Eccosorb DSF is especially recommended for use in saline environment where oxidation
may be considered a problem. The materials are impervious to salt water and can be used
in marine applications.
AVAILABILITY
• Standard sheets are 305 x 305mm (12”x12”).
• Thickness depends on resonant frequency desired.
• Grades are designated by their suffix corresponding to the resonant frequency desired.
• Other resonant frequencies can be supplied on special order.
• The material can also be supplied in customized shapes.


Similar Part No. - DSF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DSF SCHURTER-DSF Datasheet
384Kb / 2P
Storage Choke, flat design
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
Up to 28 A Output Current
logo
Schurter Inc.
DSF SCHURTER-DSF Datasheet
246Kb / 3P
Storage Choke, flat design
DSF SCHURTER-DSF Datasheet
257Kb / 3P
Storage Choke, flat design
logo
SYNERGY MICROWAVE CORPO...
DSF-102 SYNERGY-DSF-102 Datasheet
128Kb / 5P
POWER DIVIDERS 0쨘 : 2-WAY
More results

Similar Description - DSF

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
30405 WURTH-30405 Datasheet
186Kb / 2P
Flexible ferrite absorber platte
30410 WURTH-30410 Datasheet
186Kb / 2P
Flexible ferrite absorber platte
32401 WURTH-32401 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
32402 WURTH-32402 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
32403 WURTH-32403 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
32405 WURTH-32405 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
32410 WURTH-32410 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
304025 WURTH-304025 Datasheet
186Kb / 2P
Flexible ferrite absorber platte
324075 WURTH-324075 Datasheet
618Kb / 2P
Flexible absorber foil WE-FAS EMI
logo
List of Unclassifed Man...
BMI-S-209-F ETC2-BMI-S-209-F Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com