Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952621 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS952621
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952621 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS952621 Datasheet HTML 1Page - Integrated Circuit Systems ICS952621 Datasheet HTML 2Page - Integrated Circuit Systems ICS952621 Datasheet HTML 3Page - Integrated Circuit Systems ICS952621 Datasheet HTML 4Page - Integrated Circuit Systems ICS952621 Datasheet HTML 5Page - Integrated Circuit Systems ICS952621 Datasheet HTML 6Page - Integrated Circuit Systems ICS952621 Datasheet HTML 7Page - Integrated Circuit Systems ICS952621 Datasheet HTML 8Page - Integrated Circuit Systems ICS952621 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS952621
0756A—09/10/04
Pin Description
PIN
#
PIN NAME
PIN TYPE
DESCRIPTION
1
FS_A/REF1
I/O
FS_A latched input for frequency select
Reference output, 14.318Hz
2
FS_B/REF0
I/O
FS_B latched input for frequency select
Reference output, 14.318Hz
3
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
4
X1
IN
Crystal input, Nominally 14.318MHz.
5
X2
OUT
Crystal output, Nominally 14.318MHz
6
GND
PWR
Ground pin.
7
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
8
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
9
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
10
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
11
GND
PWR
Ground pin.
12
PCICLK0
OUT
PCI clock output.
13
PCICLK1
OUT
PCI clock output.
14
PCICLK2
OUT
PCI clock output.
15
PCICLK3
OUT
PCI clock output.
16
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
17
GND
PWR
Ground pin.
18
PCICLK4
OUT
PCI clock output.
19
PCICLK5
OUT
PCI clock output.
20
PD#
IN
Asynchronous active low input pin, with 120Kohm internal pull-up resistor, used
to power down the device. The internal clocks are disabled and the VCO and
the crystal are stopped.
21
48MHz_DOT
OUT
48.008MHz Dot clock output
22
48MHz_USB
OUT
48.008MHz USB clock output
23
GND
PWR
Ground pin.
24
VDD48
PWR
Power for 48MHz output buffers and fixed PLL core.
25
3V66_3/VCH
OUT
3.3V 66.66MHz clock output
VCH: 48MHz VCH clock output
26
3V66_2
OUT
3.3V 66.66MHz clock output
27
VDD3V66
PWR
Power pin for the 3V66 clocks.
28
GND
PWR
Ground pin.
29
3V66_1
OUT
3.3V 66.66MHz clock output
30
3V66_0
OUT
3.3V 66.66MHz clock output
31
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
32
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
33
VttPWR_GD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch
inputs are valid and are ready to be sampled. This is an active low input.
34
VDD
OUT
Power supply, nominal 3.3V
35
SRCCLKC
OUT
Complementary clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
36
SRCCLKT
OUT
True clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
37
GND
PWR
Ground pin.
38
CPUCLKC0
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
39
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
40
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
41
CPUCLKC1
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
42
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
43
GND
PWR
Ground pin.
44
CPUCLKC_ITP
OUT
"Complementary" clocks of differential pair CPU outputs for ITP.. These are
current mode outputs. External resistors are required for voltage bias.
45
CPUCLKT_ITP
OUT
"True" clocks of differential pair CPU outputs for ITP. These are current mode
outputs. External resistors are required for voltage bias.
46
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in order
to establish the appropriate current. 475 ohms is the standard value.
47
GND
PWR
Ground pin.
48
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com