Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC08M68HC Datasheet(PDF) 39 Page - Motorola, Inc

Part # 68HC08M68HC
Description  HCMOS Microcontroller Unit
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC08M68HC Datasheet(HTML) 39 Page - Motorola, Inc

Back Button 68HC08M68HC Datasheet HTML 35Page - Motorola, Inc 68HC08M68HC Datasheet HTML 36Page - Motorola, Inc 68HC08M68HC Datasheet HTML 37Page - Motorola, Inc 68HC08M68HC Datasheet HTML 38Page - Motorola, Inc 68HC08M68HC Datasheet HTML 39Page - Motorola, Inc 68HC08M68HC Datasheet HTML 40Page - Motorola, Inc 68HC08M68HC Datasheet HTML 41Page - Motorola, Inc 68HC08M68HC Datasheet HTML 42Page - Motorola, Inc 68HC08M68HC Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 456 page
background image
General Description
Ordering Information
MC68HC08AZ32A — Rev 1.0
Technical Data
MOTOROLA
General Description
39
1.5 Ordering Information
This section contains instructions for ordering the MC68HC08AZ32A.
1.5.1 MC Order Numbers
EEPROM
CGMXCLK or Bus Clock
ROM
Bus Clock
RAM
Bus Clock
SPI
Bus Clock/SPSCK
SCI
CGMXCLK
TIMA
Bus Clock or PTD6/ATD14/TACLK
TIMB
Bus Clock or PTD4/ATD12/TBCLK
PIT
Bus Clock
KBI
Bus Clock
SIM
CGMOUT and CGMXCLK
IRQ
Bus Clock
BRK
Bus Clock
LVI
Bus Clock
CGM
OSC1 and OSC2
Table 1-3. Clock Source Summary (Continued)
Module
Clock source
Table 1-4. MC Order Numbers
MC Order Number
Operating
Temperature Range
MC68HC08AZ32ACFU
– 40
°C to + 85°C
MC68HC08AZ32AVFU
– 40
°C to + 105 °C
MC68HC08AZ32AMFU
– 40 °C to + 125 °C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com