Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP_TNETV1050 Datasheet(PDF) 3 Page - Texas Instruments

Part # IP_TNETV1050
Description  IP Phone Solution
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IP_TNETV1050 Datasheet(HTML) 3 Page - Texas Instruments

  IP_TNETV1050 Datasheet HTML 1Page - Texas Instruments IP_TNETV1050 Datasheet HTML 2Page - Texas Instruments IP_TNETV1050 Datasheet HTML 3Page - Texas Instruments IP_TNETV1050 Datasheet HTML 4Page - Texas Instruments IP_TNETV1050 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Description
The TNETV1050 is a communica-
tions processor based on a MIPS32
Reduced Instruction Set Computer
(RISC) processor along with a
C55x DSP. This device has
a rich peripheral set architected
specifically for VoIP Phone
applications, which reduces the
bill of materials cost, time, and
complexity to develop an IP
Phone. The TNETV1050 combines
the key processor, communication,
and peripheral functions necessary
to build a basic or advanced
IP phone. The TNETV1050
architecture uses advanced design
features to provide flexibility and
performance throughput, while
conserving power consumption.
Combined with Telogy Software
for IP Phone applications, the
TNETV1050 provides a complete
hardware/software solution
capable of reducing system
design cycle times.
The RISC processor supplies
the overall system services and
performs user interface, network
management, protocol stack
management, call processing, and
task scheduling functions. The
DSP processor provides real-time
voice processing functions such
as echo cancellation, compression,
PCM processing, and tone genera-
tion/detection.
IP phone designs are simplified
through on-chip peripherals such
as a 16-bit color LCD controller,
8x8 keypad interface, USB 1.1
controller (Host or Device), UART
serial interface, programmable
serial port, two VLYNQ interfaces,
and several general purpose I/O.
The integrated dual-channel
16-bit CODEC includes the critical
functions needed for IP Phone
applications, including two ADCs
(with five programmable inputs)
and two DACs (with four
programmable outputs).
Other codec features include
analog and digital sidetone control,
anti-aliasing filter, programmable
gain options, and programmable
sampling rate (8 or 16 ksps).
32-bit RISC Processor
Memory Configuration
• 16K-Byte 4-way set associative
Instruction-Cache
• 16K-Byte 4-way set associative
Data-Cache
• Programmable Memory
Management Unit (MMU)
• 4K-Byte RAM on chip
• 4K-Byte ROM on chip, with
boot code
Digital Signal Processor
(DSP)
Memory Configuration
• 12K-Word 2-way set associative
Instruction-Cache
• 64K-Word RAM on chip:
- 32K-Word dual access
- 32K-Word single access
• Universal 4-channel DMA controller
• Dedicated peripheral DMA
controller
External Memory Interface
Supporting
• 2 SDRAM Chip Selects
providing 128M-Byte
• 3 Chip Selects providing
16M-Byte each, RAM or ROM
• 1 Chip Select providing
32M-Byte, FLASH
Overall
• 324-Ball PBGA (Plastic Ball
Grid Array) package
• 3.3V I/O Supply Voltage
• 1.5V Core Supply Voltage,
integrated Voltage Regulator
• Reduced power modes available
Telephony
Interface
McBSP
McBSP
VLYNQ™
5 Pin
Codec
2 Channel
Serial
UART
GPIO
Keypad 8x8
Clock/Power
Manager
DSP DMA
Ethernet
Switch
3 port
MAC
Ethernet
PHY
Voltage
Regulator
TMS320C55x™
DSP
MIPS R4000
TNETV1050 IP Phone Processor
VLYNQ™
3 Pin
USB 1.1
Host
USB 1.1
Device
LCD
Controller
External
Memory
Interface
Ethernet
PHY
MAC
DMA
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com