Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS6-0505S Datasheet(PDF) 2 Page - Recom International Power

Part # RS6-0505S
Description  Highest Power Density In SIP Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6-0505S Datasheet(HTML) 2 Page - Recom International Power

  RS6-0505S Datasheet HTML 1Page - Recom International Power RS6-0505S Datasheet HTML 2Page - Recom International Power RS6-0505S Datasheet HTML 3Page - Recom International Power RS6-0505S Datasheet HTML 4Page - Recom International Power RS6-0505S Datasheet HTML 5Page - Recom International Power RS6-0505S Datasheet HTML 6Page - Recom International Power RS6-0505S Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DC/DC Converter
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Filter
capacitor
Input Voltage Range
nom. Vin=
5VDC
12VDC
24VDC
48VDC
4.5VDC
9VDC
18VDC
36VDC
5VDC
12VDC
24VDC
48VDC
9VDC
18VDC
36VDC
75VDC
Input Surge Voltage
1 second max.
nom. Vin=
5VDC
12VDC
24VDC
48VDC
15VDC
25VDC
50VDC
100VDC
Quiescent Current
nom. Vin=
5VDC
2VDC
24VDC
48VDC
105mA
55mA
28mA
14mA
Output Voltage Trimming
see calculation on next page
Trim up
Trim down
+10%
-8%
Start-up time
2ms
Under Voltage Lockout
nom. Vin= 5V
DC-DC ON
DC-DC OFF
4.5VDC
2.7VDC
nom. Vin= 12V
DC-DC ON
DC-DC OFF
9VDC
7VDC
nom. Vin= 24V
DC-DC ON
DC-DC OFF
18VDC
15VDC
nom. Vin= 48V
DC-DC ON
DC-DC OFF
36VDC
30VDC
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open
5V<Vr<10VDC
Internal Operating Frequency
0-100% load
200kHz
Minimum Load
0%
Output Ripple and Noise (3)
20MHz BW
50mVp-p
75mVp-p
continued on next page
ECO-2
REV.: 2/2017
www.recom-power.com
RS6
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Efficiency vs. Load
RS6-1205S
RS6-2405S
Notes:
Note3: Measurements are made with a 1.0µF MLCC across output (low ESR).
9Vin
12Vin
15Vin
18Vin
18Vin
24Vin
30Vin
36Vin
Output Load [A]
0
0
20
40
60
80
100
0.2
0.6
0.4
0.8
1.0
1.2
Output Load [A]
0
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com