Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISM2 Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # BISM2
Description  The BISM2 Bluetooth Serial Module is one of the most compact complete
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BISM2 Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button BISM2 Datasheet HTML 17Page - Laird Tech Smart Technology BISM2 Datasheet HTML 18Page - Laird Tech Smart Technology BISM2 Datasheet HTML 19Page - Laird Tech Smart Technology BISM2 Datasheet HTML 20Page - Laird Tech Smart Technology BISM2 Datasheet HTML 21Page - Laird Tech Smart Technology BISM2 Datasheet HTML 22Page - Laird Tech Smart Technology BISM2 Datasheet HTML 23Page - Laird Tech Smart Technology BISM2 Datasheet HTML 24Page - Laird Tech Smart Technology BISM2 Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
BISM2 Bluetooth™
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-
support.lairdtech.com
www.lairdtech.com/bluetooth
21
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
Parameter
Specification (40 pin board to board connector)
Insertion Force
21.8 N
Withdrawal Force 1
st
10 N
Withdrawal force 50
th
10 N
Maximum Connection Cycles
50
9 QUALIFICATION
9.1 Bluetooth Qualification Process
The following safety precautions must be observed during all phases of the operation, usage, service, or
repair of any application incorporating this module. Manufacturers of the RF equipment are advised to
convey the following safety information to users and operating personnel and to incorporate these guidelines
into all manuals supplied with the product. Failure to comply with these precautions violates safety standards
of design, manufacture, and intended use of the product. Laird assumes no liability for customer failure to
comply with these precautions.
9.2 Safety Information
Switch off the Bluetooth device before boarding an aircraft. Make sure it cannot be switched on
inadvertently. To prevent interference with communications systems, the operation of wireless appliances in
an aircraft is forbidden by many airlines. Applications that could result in use on aircraft should carry
appropriate warnings.
9.3 Qualifications
9.3.1 RF Approvals
The module is listed as a Bluetooth Product in terms of the Bluetooth SIG Program Reference Document
(PRD). This means that it can be integrated into end products without further testing or approval listing. The
manufacturer must state the Laird part number and product reference in his literature in order to meet the
requirements of the Bluetooth and regulatory approvals.
Laird provides a list of the countries where the module is approved as required. As a minimum, the product is
listed in Europe, Scandinavia, and USA. Laird assumes no liability for customer failure to comply with national
RF approvals.
9.3.1.1
EMC Emissions
EN 300 328 V1.5.1 (2004-08)
9.3.1.2
EMC Immunity
EN 301 489-1 V1.4.1 (2002-08)
9.3.1.3
FCC
FCC Part 15.247:2004 (Subpart C)
FCC ID: PI401B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com