Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2156 Datasheet(PDF) 21 Page - International Rectifier

Part # IR2156
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR2156 Datasheet HTML 16Page - International Rectifier IR2156 Datasheet HTML 17Page - International Rectifier IR2156 Datasheet HTML 18Page - International Rectifier IR2156 Datasheet HTML 19Page - International Rectifier IR2156 Datasheet HTML 20Page - International Rectifier IR2156 Datasheet HTML 21Page - International Rectifier IR2156 Datasheet HTML 22Page - International Rectifier IR2156 Datasheet HTML 23Page - International Rectifier IR2156 Datasheet HTML 24Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
IR2156(S)&(PbF)
www.irf.com
21
IGN
CS
I
R
25
.
1
=
Ohms
Ohms
R
CS
61
.
0
625
.
0
0
.
2
3
.
1
⇒
=
=
Results
A fully-functional ballast was designed, built and
tested using the calculated values. The values
were then adjusted slightly in order to fulfill various
ballast parameters (Table 1). The ballast was
designed using the 'Typical Application Schematic'
given on page 1.
Parameter
Description
Value
fph
Preheat Frequency
68kHz
Vph
Lamp Preheat Voltage
460Vpp
tph
Preheat Time
700ms
Rw:Rc
Filament Preheat Ratio
4:1
Vign
Maximum Ignition Voltage
1500Vpp
tign
Ignition Ramp Time
50ms
frun
Running Frequency
47.5kHz
Vrun
Running Lamp Voltage
180Vpk
Pin
Running Ballast Input
Power
42W
Table 1, 42W-Quad Biax Ballast Measured Results
Waveforms
Waveform 1. Lamp filament voltage during preheat
Waveform 2. Lamp voltage during preheat, ignition
and run modes
Waveform 3, Half-bridge and current sense voltage
during run mode
Waveform 4, Lamp voltage and current sense pin during
a failure-to-strike lamp fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com