Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM420 Datasheet(PDF) 8 Page - Laird Tech Smart Technology

Part # BTM420
Description  Changes and Revisions
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM420 Datasheet(HTML) 8 Page - Laird Tech Smart Technology

Back Button BTM420 Datasheet HTML 4Page - Laird Tech Smart Technology BTM420 Datasheet HTML 5Page - Laird Tech Smart Technology BTM420 Datasheet HTML 6Page - Laird Tech Smart Technology BTM420 Datasheet HTML 7Page - Laird Tech Smart Technology BTM420 Datasheet HTML 8Page - Laird Tech Smart Technology BTM420 Datasheet HTML 9Page - Laird Tech Smart Technology BTM420 Datasheet HTML 10Page - Laird Tech Smart Technology BTM420 Datasheet HTML 11Page - Laird Tech Smart Technology BTM420 Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
BTM420/421
Bluetooth
® Data Module Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
8
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
2.3 Operating Parameters
Table 4: Recommended Operating Conditions
Recommended Operating Conditions
OPERATING CONDITION
MIN
MAX
VDD_USB (USB compatibility not required)
1.7
3.6
VDD_USB (USB compatibility required)
3.1
3.6
VDD_IO
1.7
3.3
VDD_IN
3.0
3.3
2.4 Voltage Specifications
Table 5: Logic Levels (VUSB)
Logic Levels (VUSB)
INPUT VOLTAGE LEVELS
MIN
TYP
MAX
Vih
0.7VDD_USB
Vil 2.7 <VDD_USB<3.0
-0.4
+0.8
1.7<VDD_USB<1.9
-0.4
+0.4
Output Voltage Levels (1.7 <VDD_USB_1.9)
Voh (lout = -4mA)
VDD_USB – 0.4
Vol (lout = 4mA)
Output Voltage Levels (2.7<VDD_USB<3.0)
Voh (lout = -4mA)
VDD_USB – 2.0
Vol (lout = 4mA)
0.2
Note: VDD_USB must be connected to power the USB and UART interfaces.
Table 6: Logic Levels (VIO)
Logic Levels (VIO)
INPUT VOLTAGE LEVELS
MIN
TYP
MAX
Vih
0.7VDD_IO
Vil 2.7 <VDD_IO<3.0
-0.4
+0.8
1.7<VDD_IO<1.9
-0.4
+0.4
Output Voltage Levels (1.7 < VDD_IO < 1.9)
Voh (lout = -4mA)
VDD_IO – 0.4
Vol (lout = 4mA)
0.4
Output Voltage Levels (2.7 < VDd_IO < 3.0)
Voh (lout = -4mA)
VDD_IO – 0.2
Vol (lout = 4mA)
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com