Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301201 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 301201
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

301201 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  301201 Datasheet HTML 1Page - TE Connectivity Ltd 301201 Datasheet HTML 2Page - TE Connectivity Ltd 301201 Datasheet HTML 3Page - TE Connectivity Ltd 301201 Datasheet HTML 4Page - TE Connectivity Ltd 301201 Datasheet HTML 5Page - TE Connectivity Ltd 301201 Datasheet HTML 6Page - TE Connectivity Ltd 301201 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
408-1535
Rev T
5 of 7
HAND
TOOL
GAGE ELEMENT DIMENSIONS
HAND
TOOL
GAGE ELEMENT DIMENSIONS
GO
NO-GO
“R” (Radius)
GO
NO-GO
“W” (Width) Max
46673
46673-1
1.499-1.506
[.0590-.0593]
1.648-1.651
[.0649-.0650]
1.57 [.062]
46673
46673-1
0.762-0.770
[.0300-.0303]
1.267-1.270
[.0499-.0500]
3.05 [.120]
46988
1.702-1.709
[.0670-.0673]
1.851-1.854
[.0729-.0730]
46988
1.016-1.024
[.0400-.0403]
1.521-1.524
[.0599-.0600]
Figure 7
To gage the crimping chamber, proceed as follows:
1. Remove traces of oil or dirt from the crimping chamber and plug gages.
2. Remove locator assembly.
CAUTION
DO NOT lost spring in locator assembly.
3. Close the tool handles until the crimping jaws have bottomed. Do NOT force jaws beyond initial
contact.
4. Align the GO element with the wire barrel section of the crimping chamber. Push element straight into
the crimping chamber without using force. The GO element must pass completely through the
crimping chamber. See Figure 8.
Figure 8
5. Align the NO-GO element and try to insert it straight into the same section of the crimping chamber.
The NO-GO element may start entry, but must not pass completely through the crimping chamber.
See Figure 8.
6. Re-install locator assembly.
7. Insert tool insulation crimping adjustment pins into Position 1.
GO
Dim.
GO
Dim.
NO-GO
Dim.
NO-GO
Dim.
“W”
“W”
12.7 [.50]
Min. Typ
6.35 [.250]
Min. Typ
50.8 [2.00]
Min. Typ
Inspection of Wire
Barrel Section of
Crimping Chamber
Inspection of Insulation
Barrel Section of
Crimping Chamber
GO Element Must Pass Completely
Through Crimping Chamber
NO-GO Element May Start Entry, But Must Not
Pass Completely Through Crimping Chamber
Jaws Bottomed
But Not Under
Pressure



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com