Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6691 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6691
Description  HEXFET Power MOSFET plus Schottky Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6691 Datasheet(HTML) 2 Page - International Rectifier

  IRF6691 Datasheet HTML 1Page - International Rectifier IRF6691 Datasheet HTML 2Page - International Rectifier IRF6691 Datasheet HTML 3Page - International Rectifier IRF6691 Datasheet HTML 4Page - International Rectifier IRF6691 Datasheet HTML 5Page - International Rectifier IRF6691 Datasheet HTML 6Page - International Rectifier IRF6691 Datasheet HTML 7Page - International Rectifier IRF6691 Datasheet HTML 8Page - International Rectifier IRF6691 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6691
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient –––12––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.8
2.5
m
Ω
–––
1.2
1.8
VGS(th)
Gate Threshold Voltage
1.6
–––
2.5
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-4.1
––– mV/°C
–––
–––
1.4
mA
IDSS
Drain-to-Source Leakage Current
–––
–––
500
µA
–––
–––
5
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
110
–––
–––
S
Qg
Total Gate Charge
–––
47
71
Qgs1
Pre-Vth Gate-to-Source Charge
–––14–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.4
–––
nC
Qgd
Gate-to-Drain Charge
–––15–––
Qgodr
Gate Charge Overdrive
–––
14
–––
See Fig. 17
Qsw
Switch Charge (Qgs2 + Qgd)
–––19–––
Qoss
Output Charge
–––30–––
nC
RG
Gate Resistance
–––
0.60
1.5
Ω
td(on)
Turn-On Delay Time
–––23–––
tr
Rise Time
–––95–––
ns
td(off)
Turn-Off Delay Time
–––25–––
tf
Fall Time
–––10–––
Ciss
Input Capacitance
–––6580–––
Coss
Output Capacitance
–––
2070
–––
pF
Crss
Reverse Transfer Capacitance
–––
840
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
32
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
260
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
0.65
V
trr
Reverse Recovery Time
–––
32
48
ns
Qrr
Reverse Recovery Charge
–––
26
39
nC
MOSFET symbol
Clamped Inductive Load
VDS = 10V, ID = 26A
Conditions
ƒ = 1.0MHz
VDS = 10V, VGS = 0V
VDD = 16V, VGS = 4.5V
Ãe
VDS = 10V
VDS = 16V, VGS = 0V, TJ = 125°C
VGS = 12V
VGS = -12V
VGS = 4.5V
ID = 10mA, reference to 25°C
VDS = VGS, ID = 250µA
VDS = 16V, VGS = 0V
Conditions
VGS = 0V, ID = 1.0mA
Reference to 25°C, ID = 10mA
VGS = 4.5V, ID = 12A
e
VGS = 10V, ID = 15A
e
VDS = 20V, VGS = 0V
TJ = 25°C, IF = 25A
di/dt = 100A/µs
e
TJ = 25°C, IS = 25A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
–––
–––
ID = 17A
VGS = 0V
VDS = 10V
ID = 26A
230
26
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com