Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABA-32563 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABA-32563
Description  2.5 GHz Broadband Silicon RFIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABA-32563 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ABA-32563 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ABA-32563 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ABA-32563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ABA-32563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABA-32563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABA-32563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABA-32563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ABA-32563 Absolute Maximum Ratings[1]
Symbol
Parameter
Units
Absolute Max.
Vcc
Device Voltage, RF output to ground (T = 25°C)
V
6
Pin
CW RF Input Power (Vcc = 3V)
dBm
15
Pdiss
Total Power Dissipation[3]
W
0.6
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using 150°C
Liquid Crystal Measurement Technique.
3. Board (package belly) temperature, Tc, is
25°C. Derate 8.1 mW/°C for Tc > 120.8°C.
Electrical Specifications
Tc = +25°C, Zo = 50 Ω, Pin= -30 dBm,Vcc= 3V, Freq = 2 GHz, unless stated otherwise.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Std Dev.
Gp[1]
Power Gain (|S21|2)
dB
17.5
19.0
∆Gp
Power Gain Flatness,
f = 0.1 ~ 1.5 GHz
dB
1.0
f = 0.1 ~ 2.5 GHz
3.0
NF[1]
Noise Figure
dB
3.5
4.4
P1dB[1]
Output Power at 1dB Gain Compression
dBm
8.4
OIP3[1]
Output Third Order Intercept Point
dBm
19.5
VSWRin[1]
Input VSWR
<1.5
VSWRout[1]
Output VSWR
<1.5
Icc[1]
Device Current
mA
37
42.5
Td[1]
Group Delay
ps
140
Notes:
1. Measurements taken on 50Ω test board shown on Figure 1. Excess circuit losses had been de-embedded from actual measurements. Standard
deviation and typical data based on at least 500 parts sample size from 2 wafer lots. Future wafers allocated to this product may have nominal
values anywhere within the upper and lower spec limits.
Figure 1. ABA-32563 Production Test Circuit.
Thermal Resistance[2] (Vcc = 3V)
θj-c = 124.3°C/W
RF Output
RF Input
Vcc
Cbypass
100 pF
Cbypass
1000 pF
RFC
33 nH
Cblock
1 nF
Cblock
1 nF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com