Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33887VW/R2 Datasheet(PDF) 21 Page - Motorola, Inc

Part # PC33887VW/R2
Description  5.0 A H-Bridge with Load Current Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33887VW/R2 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button PC33887VW/R2 Datasheet HTML 17Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 18Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 19Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 20Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 21Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 22Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 23Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 24Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33887
21
APPLICATIONS
Figure 21 shows a typical application schematic. For
precision high-current applications in harsh, noisy
environments, the V+ by-pass capacitor may need to be
substantially larger.
Figure 21. 33887 Typical Application Schematic
MOTOR
AGND
OUT1
FB
PGND
V+
CCP
OUT2
EN
D2
D1
FS
IN1
IN2
33 nF
47
µF
V+
100
Ω
1.0
µF
33887
+
+
FB
IN2
IN1
FS
D1
D2
EN
DC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com