Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS10.481 Datasheet(PDF) 9 Page - PULS GmbH

Part # QS10.481
Description  48V, 5A, SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.481 Datasheet(HTML) 9 Page - PULS GmbH

Back Button QS10.481 Datasheet HTML 5Page - PULS GmbH QS10.481 Datasheet HTML 6Page - PULS GmbH QS10.481 Datasheet HTML 7Page - PULS GmbH QS10.481 Datasheet HTML 8Page - PULS GmbH QS10.481 Datasheet HTML 9Page - PULS GmbH QS10.481 Datasheet HTML 10Page - PULS GmbH QS10.481 Datasheet HTML 11Page - PULS GmbH QS10.481 Datasheet HTML 12Page - PULS GmbH QS10.481 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
QS10.481, QS10.481-D1
Q-Series
48V, 5A, SINGLE PHASE INPUT
7. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
51ms
53ms
55ms
at 48V, 2.5A, see Fig. 7-1
typ.
26ms
27ms
28ms
at 48V, 5A, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
0
10
20
30
40
50ms
85
120
155
190
230Vac
Input Voltage
48V, 2.5A, min.
48V, 2.5A, typ.
48V, 5A, min.
48V, 5A, typ.
Hold-up Time
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Input
Voltage
8. DC-OK RELAY CONTACT
This feature monitors the output voltage, which is produced by the power supply itself. It is independent of a back-fed
voltage from a unit connected in parallel to the power supply output.
Contact closes
As soon as the output voltage reaches the adjusted output voltage level.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 250ms. Dips shorter than 1ms will be ignored.
Contact re-closes
As soon as the output voltage exceeds 90% of the adjusted voltage.
Contact ratings
max
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A
resistive load
min
1mA at 5Vdc
min. permissible load
Isolation voltage
See dielectric strength table in section 18.
Fig. 8-1 DC-ok relay contact behavior
9/27
250ms
0.9* V
ADJ
<
1ms
10%
V
OUT = VADJ
>
1ms
open
open
closed
closed
Note: The DC-ok feature requires that the output voltage reaches the nominal (=adjusted) level after turn-on in order to function according
to specification. If this level cannot be achieved, the overload lamp will be on and the DC-ok contact will be open. The overload signal
will only shut off as soon as the adjusted voltage is reached. This is an important condition to consider particularly, if the load is a
battery, the power supply is used in parallel or the power supply is used for N+1 redundant systems.
Nov. 2011 / Rev. 2.1 DS-QS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com