Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4310 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS4310
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4310 Datasheet(HTML) 1 Page - International Rectifier

  IRFS4310 Datasheet HTML 1Page - International Rectifier IRFS4310 Datasheet HTML 2Page - International Rectifier IRFS4310 Datasheet HTML 3Page - International Rectifier IRFS4310 Datasheet HTML 4Page - International Rectifier IRFS4310 Datasheet HTML 5Page - International Rectifier IRFS4310 Datasheet HTML 6Page - International Rectifier IRFS4310 Datasheet HTML 7Page - International Rectifier IRFS4310 Datasheet HTML 8Page - International Rectifier IRFS4310 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
11/3/04
Benefits
l Worldwide Best RDS(on) in TO-220
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
PD - 96894
www.irf.com
1
D2Pak
IRFS4310
TO-220AB
IRFB4310
TO-262
IRFSL4310
IRFB4310
IRFS4310
IRFSL4310
HEXFET® Power MOSFET
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
S
D
G
S
D
G
S
D
G
VDSS
100V
RDS(on) typ.
5.6m
:
max.
7.0m
:
ID
140A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dV/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
g
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.45
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
–––
°C/W
RθJA
Junction-to-Ambient, TO-220
k
–––
62
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak
jk
–––
40
980
See Fig. 14, 15, 22a, 22b,
330
14
-55 to + 175
± 20
2.2
10lb
xin (1.1Nxm)
300
Max.
140
c
97
c
550


Similar Part No. - IRFS4310

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS4310 ISC-IRFS4310 Datasheet
330Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS4310PBF IRF-IRFS4310PBF Datasheet
381Kb / 12P
HEXFET짰Power MOSFET
IRFS4310PBF IRF-IRFS4310PBF Datasheet
382Kb / 12P
High Efficiency Synchronous Rectification in SMPS
IRFS4310PBF IRF-IRFS4310PBF Datasheet
382Kb / 12P
High Efficiency Synchronous Rectification in SMPS
IRFS4310PBF IRF-IRFS4310PBF Datasheet
382Kb / 12P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS4310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com