Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5218AFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M5218AFP
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS(DUAL POWER SUPPLY TYPE)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5218AFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M5218AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5218AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5218AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5218AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5218AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5218AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOP8-P-225-1.27
Weight(g)
–
JEDEC Code
0.07
EIAJ Package Code
Lead Material
Cu Alloy
8P2S-A
Plastic 8pin 225mil SOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
A1
I2
0.05
–
–
–1.5
–
0.35
0.4
0.5
0.13
0.15
0.2
4.8
5.0
5.2
4.2
4.4
4.6
–1.27
–
5.9
6.2
6.5
0.2
0.4
0.6
–0.9
–
–
–
0.1
0
°
–10
°
–0.76
–
–5.72
–
1.27
–
–
–
–
1.9
e
e1
8
5
4
1
D
b
e
y
F
A
A2
A1
c
Detail F
e
b2
Recommended Mount Pad
Mar.’98



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com