Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9074 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9074
Description  System Voltage Regulator with Keep-Alive ON/OFF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9074 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9074 Datasheet HTML 1Page - National Semiconductor (TI) LM9074 Datasheet HTML 2Page - National Semiconductor (TI) LM9074 Datasheet HTML 3Page - National Semiconductor (TI) LM9074 Datasheet HTML 4Page - National Semiconductor (TI) LM9074 Datasheet HTML 5Page - National Semiconductor (TI) LM9074 Datasheet HTML 6Page - National Semiconductor (TI) LM9074 Datasheet HTML 7Page - National Semiconductor (TI) LM9074 Datasheet HTML 8Page - National Semiconductor (TI) LM9074 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
Input Voltage
ON/OFF, Keep-Alive Inputs
(through 1 k
Ω)
DC Input Voltage
−26V to +26V
Positive Input Transient (t<100 ms)
40V
Negative Input Transient (t<1 ms)
−50V
Reset Output Sink Current
5 mA
Power Dissipation
Internally Limited
Junction Temperature
150˚C
ESD Susceptibility (Note 2)
12 kV, 2 kV
Lead Temperature
(Soldering, 10 seconds)
260˚C
Storage Temperature
−50˚C to +150˚C
Operating Ratings (Note 1)
Input Voltage
7.5V to 16.5V
Ambient Temperature
−40˚C to +125˚C
θj-pins, M14A Package
30˚C/W
θja, M14A Package
137˚C/W
Electrical Characteristics
The following specifications apply for V
CC= 7.5V to 16.5V, −40˚C ≤ TA≤ 125˚C, unless otherwise specified. COUT=0.1µF.
Symbol
Parameter
Conditions
Min
Max
Units
REGULATOR OUTPUT
V
OUT
Output Voltage
20 mA
≤ I
OUT ≤ 180 mA
4.85
5.15
V
∆V
OUT Line
Line Regulation
I
OUT = 20 mA, 9V ≤ VIN ≤ 16.5V
I
OUT = 20 mA, 7.5V ≤ VIN ≤ 16.5V
25
50
mV
mV
∆V
OUT Load
Load Regulation
V
IN = 14.4V, 20 mA ≤ IOUT ≤ 180
mA
50
mV
Iq
Quiescent Current
4V
≤ V
ON/OFF ≤ VIN
20mA
≤ I
OUT ≤ 180mA
25
mA
Ioff
OFF Quiescent Current
V
IN ≤ 16.5V, Regulator OFF
−40˚C
≤ T
J ≤ 60˚C
60˚C
≤ T
J ≤ 135˚C
20
60
µA
µA
Vdo
Dropout Voltage
I
OUT = 20 mA
I
OUT = 180 mA
2.0
2.5
V
V
Isc
Short Circuit Current
R
L = 1Ω
0.4
1.0
A
PSRR
Ripple Rejection
V
IN = (14VDC) + (1VRMS @ 120Hz)
I
OUT = 50 mA
60
dB
Voth
OFF
Safety V
OUT Latch-OFF Threshold
In Keep-Alive mode
V
ON/OFF = 0V, VKA = 0V
4
4.5
V
Vo Transient
V
OUT during Transients
V
IN Peak ≤ 40V,
R
L = 100Ω, τ = 100 ms
5.5
V
RESET OUTPUT
Vth
Threshold Voltage
∆V
OUT Required to Generate a
Reset Output
4.85V
≤ V
OUT ≤ 5.15V
−300
−500
mV
Vlow
Reset Output Low Voltage
Isink = 1.6 mA, V
OUT > 3.2V
0.4
V
1.4V
≤ V
OUT ≤ 3.2V
0.8
V
Vhigh
Reset Output High Voltage
0.9 V
OUT
V
OUT
V
t
delay
Delay Time
Cdelay = 0.1 µFd
7
45
ms
I
delay
Charging Current for Cdelay
−7
25
µA
Rpu
Internal Pull-up Resistance
12
80
k
Ω
CONTROL LOGIC
V
KAlow
Low Input Threshold Voltage,
Keep-Alive Input
3.5V
≤ V
OUT ≤ 5.25V
0.3 V
OUT
0.5 V
OUT
V
V
KAhigh
High Input Threshold Voltage,
Keep-Alive Input
3.5V
≤ V
OUT ≤ 5.25V
0.6 V
OUT
0.8 V
OUT
V
V
ON/OFF low
Low Input Voltage, ON/OFF Input
Rseries = 1k
Ω
−2
2
V
V
ON/OFF high
High Input Voltage, ON/OFF Input
Rseries = 1k
Ω
4V
IN
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com