Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9073T Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9073T
Description  Dual High Current Low-Dropout System Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9073T Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM9073T Datasheet HTML 9Page - National Semiconductor (TI) LM9073T Datasheet HTML 10Page - National Semiconductor (TI) LM9073T Datasheet HTML 11Page - National Semiconductor (TI) LM9073T Datasheet HTML 12Page - National Semiconductor (TI) LM9073T Datasheet HTML 13Page - National Semiconductor (TI) LM9073T Datasheet HTML 14Page - National Semiconductor (TI) LM9073T Datasheet HTML 15Page - National Semiconductor (TI) LM9073T Datasheet HTML 16Page - National Semiconductor (TI) LM9073T Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Information (Continued)
To initiate the Keep-Alive routine before actual power down,
it is important for the system controller to know when the sys-
tem has been switched OFF. To eliminate any interface be-
tween the controller and the ON/OFF switch and potentially
noisy unregulated input supply, and simple logic scheme
shown in Figure 6 can be used. With this circuitry the Reset
output form the LM9073 provides the ON/OFF sensing input
to the controller.
When switched OFF, the main regulator output will fall out of
regulation and generate a low logic level on the Reset out-
put. This input to the controller provides the switch OFF indi-
cation and initiates the Keep-Alive interval.
Control of the Keep-Alive duration is set by a logic 1 on the
Keep-Alive output line from the system controller. This high
level prevents the Reset output from resetting the entire sys-
tem and also gates the Keep-Alive input signal to the
LM9073. The inverted Reset signal provides a logic 1 to the
Keep-Alive input of the LM9073.
The Main output will only drop out of regulation for a very
short time before the Keep-Alive input turns it back on.
The Reset output remains low for the delay time interval.
When it turns high the Main output switches OFF and back
ON again very quickly. This continues until the system con-
troller takes the Keep-Alive output line to a logic low level.
Figure 5. Basic Keep-Alive Operation
DS101296-20
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com