Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACZRC5359B-G Datasheet(PDF) 2 Page - Comchip Technology

Part # ACZRC5359B-G
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACZRC5359B-G Datasheet(HTML) 2 Page - Comchip Technology

  ACZRC5359B-G Datasheet HTML 1Page - Comchip Technology ACZRC5359B-G Datasheet HTML 2Page - Comchip Technology ACZRC5359B-G Datasheet HTML 3Page - Comchip Technology ACZRC5359B-G Datasheet HTML 4Page - Comchip Technology ACZRC5359B-G Datasheet HTML 5Page - Comchip Technology ACZRC5359B-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Zener Diode
Page 2
Electrical Characteristics (Ta = 25°C)
AQW-BZ003
REV: A
Notes:
(1) The type number listed have a standard tolerance on th nominal zener voltage of ± 5%.
(2) The reverse surge current is a non-repetitive,8.3ms pulse width square wave or equivalent sine-wave
superimposed on IZT per JEDEC Method.
Comchip Technology CO., LTD.
Marking
Code
Part Number
VZ @ IZT
(Ohm)
ZZT @ IZT
IR @ VR
Maximum
Maximum Reverse
Leakage Current
ACZRC5335B-G
3.9
IZT
(V)
(mA)
Zener Voltage
Nominal
320
2.0
500
1
(Ohm)
ZZK @ IZK
IZK
(mA)
Zener Impedance
(uA)
(V)
Maximum
DC Zener
Current
IZM
(mA)
50.0
1.0
1216.0
335B
ACZRC5333B-G
3.3
380
3.0
400
1
300.0
1.0
1437.0
333B
ACZRC5336B-G
4.3
290
2.0
500
1
10.0
1.0
1103.0
336B
ACZRC5337B-G
4.7
260
2.0
450
1
5.0
1.0
1009.0
337B
ACZRC5338B-G
5.1
240
1.5
400
1
1.0
1.0
930.0
338B
ACZRC5339B-G
5.6
220
1.0
400
1
1.0
2.0
846.0
339B
ACZRC5340B-G
6.0
200
1.0
300
1
1.0
3.0
790.0
340B
ACZRC5341B-G
6.2
200
1.0
200
1
1.0
5.2
765.0
341B
ACZRC5342B-G
6.8
175
1.0
200
1
10.0
5.7
700.0
342B
ACZRC5343B-G
7.5
175
1.5
200
1
10.0
6.2
630.0
343B
ACZRC5344B-G
8.2
150
1.5
200
1
10.0
6.6
580.0
344B
ACZRC5345B-G
8.7
150
2.0
200
1
10.0
6.9
545.0
345B
ACZRC5346B-G
9.1
150
2.0
150
1
7.5
7.6
520.0
346B
ACZRC5347B-G
10.0
125
2.0
125
1
5.0
8.4
475.0
347B
ACZRC5348B-G
11.0
125
2.5
125
1
5.0
9.1
430.0
348B
ACZRC5349B-G
12.0
100
2.5
125
1
2.0
9.9
395.0
349B
ACZRC5350B-G
13.0
100
2.5
100
1
1.0
10.6
365.0
350B
ACZRC5351B-G
14.0
100
2.5
75
1
1.0
11.5
340.0
351B
ACZRC5352B-G
15.0
75
2.5
75
1
1.0
12.2
315.0
352B
ACZRC5353B-G
16.0
75
2.5
75
1
1.0
12.9
295.0
353B
ACZRC5354B-G
17.0
70
2.5
75
1
0.5
13.7
280.0
354B
ACZRC5355B-G
18.0
65
2.5
75
1
0.5
14.4
265.0
355B
ACZRC5356B-G
19.0
65
3.0
75
1
0.5
15.2
250.0
356B
ACZRC5357B-G
20.0
65
3.0
75
1
0.5
16.7
237.0
357B
ACZRC5358B-G
22.0
50
3.5
75
1
0.5
18.2
216.0
358B
ACZRC5359B-G
24.0
50
3.5
100
1
0.5
19.0
198.0
359B
ACZRC5360B-G
25.0
50
4.0
110
1
0.5
20.6
190.0
360B
ACZRC5361B-G
27.0
50
5.0
120
1
0.5
21.2
176.0
361B
ACZRC5362B-G
28.0
50
6.0
130
1
0.5
22.8
170.0
362B
ACZRC5363B-G
30.0
40
8.0
140
1
0.5
25.1
158.0
363B
ACZRC5364B-G
33.0
40
10.0
150
1
0.5
27.4
144.0
364B
ACZRC5365B-G
36.0
30
11.0
160
1
0.5
29.7
132.0
365B
ACZRC5366B-G
39.0
30
14.0
170
1
0.5
32.7
122.0
366B
ACZRC5367B-G
43.0
30
20.0
190
1
0.5
35.8
110.0
367B
ACZRC5368B-G
47.0
25
25.0
210
1
0.5
38.8
100.0
368B
ACZRC5334B-G
3.6
350
2.5
500
1
150.0
1.0
1317.0
334B
ACZRC5369B-G
51.0
25
27.0
230
1
0.5
42.6
93.0
369B
ACZRC5370B-G
56.0
20
35.0
280
1
0.5
86.0
370B
3.0
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com