Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACZRC5366B-G Datasheet(PDF) 1 Page - Comchip Technology

Part # ACZRC5366B-G
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACZRC5366B-G Datasheet(HTML) 1 Page - Comchip Technology

  ACZRC5366B-G Datasheet HTML 1Page - Comchip Technology ACZRC5366B-G Datasheet HTML 2Page - Comchip Technology ACZRC5366B-G Datasheet HTML 3Page - Comchip Technology ACZRC5366B-G Datasheet HTML 4Page - Comchip Technology ACZRC5366B-G Datasheet HTML 5Page - Comchip Technology ACZRC5366B-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD Zener Diode
Voltage: 3.3 to 200 Volts
Power: 5 Watts
RoHS Device
Page 1
REV: A
ACZRC5333B-G Thru. ACZRC5388B-G
Parameter
Symbol
Value
Unit
5
W
PD
(1) TL = Lead temperature at 3/8” (9.5mm) from body.
Maximun Forward voltage at IF=1A
1.2
VF
V
AQW-BZ003
Junction and Storage Temperature Range
-55 to +150
TJ,TSTG
°C
DC Power Dissipation,TL = 75°C (Note1)
Comchip Technology CO., LTD.
Circuit diagram
Maximum Ratings (TA=25°C unless otherwise noted)
Company reserves the right to improve product design , functions and reliability without notice.
Mechanical data
-Case: DO-214AB(SMC), Molded plastic.
-Polarity: Color band denotes cathode.
-Mounting position: Any.
-Terminals: Solderable per MIL-STD-750
,method 2026 guranteed.
-Epoxy: UL 94V-0 rate flame retardant.
-Weight: Approx. 0.21 grams.
SMC/DO-214AB
Dimensions in inches and (millimeter)
0.245(6.15)
0.220(5.52)
0.320(8.02)
0.305(7.64)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.000(0.00)
0.060(1.51)
0.030(0.75)
0.103(2.59)
0.079(1.98)
0.280(7.02)
0.260(6.52)
0.126(3.16)
0.114(2.86)
Features
-Glass passivated chip.
-Low leakage.
-Built-in strain relief.
-Low inductance.
-High peak reverse power dissipation.
with high power.
-For use in stabilizing and clipping circuits
-Comply with AEC-Q101


Similar Part No. - ACZRC5366B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRC5365B-G COMCHIP-ACZRC5365B-G Datasheet
116Kb / 6P
SMD Zener Diode
More results

Similar Description - ACZRC5366B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRF52C2 COMCHIP-CZRF52C2 Datasheet
244Kb / 4P
SMD Zener Diode
CZRA4728-G COMCHIP-CZRA4728-G Datasheet
96Kb / 3P
SMD Zener Diode
CZRER52C2-HF COMCHIP-CZRER52C2-HF Datasheet
271Kb / 6P
SMD Zener Diode
CZRFR2V4B-HF COMCHIP-CZRFR2V4B-HF Datasheet
136Kb / 5P
SMD Zener Diode
CZRU2V4B-HF COMCHIP-CZRU2V4B-HF Datasheet
137Kb / 5P
SMD Zener Diode
CZRUR52C2-HF COMCHIP-CZRUR52C2-HF Datasheet
161Kb / 6P
SMD Zener Diode
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
SMD Zener Diode
CZRL55C2V4-G COMCHIP-CZRL55C2V4-G Datasheet
434Kb / 6P
SMD Zener Diode
CZRQC52C2V4-HF COMCHIP-CZRQC52C2V4-HF Datasheet
111Kb / 4P
SMD Zener Diode
CZRT23C2V7-HF COMCHIP-CZRT23C2V7-HF Datasheet
326Kb / 5P
SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com