Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCM780 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # TPCM780
Description  Heat sink preheating not required
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TPCM780 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  TPCM780 Datasheet HTML 1Page - Laird Tech Smart Technology TPCM780 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROPERTIES
TpcmTM 780
TEST METHOD
Color
Grey
Visual
Thickness, inches (mm)
0.008” (0.203), 0.010” (0.254)
0.016” (0.406), 0.025” (0.635)
Thickness Tolerance, inches (mm)
± 0.0008” (0.0203), ± 0.0010” (0.0254)
± 0.0016” (0.0406), ± 0.0025” (0.0635)
Construction & Composition
Non-reinforced Film
Specific Gravity, g/cc
2.48
Helium Pycnometer
Phase Change Softening Range, °C
~45°C to 70°C
Thermal Conductivity, W/mK
5.4
Hot Disk Thermal
Constants Analyzer
Hardness (Shore 00)
85
3 sec @ 21 C
ASTM D2240
Thermal Resistance
70°C, 345 kPa, °C-cm2/W (50 psi, °C-in2/W)
0.025 (0.004)
ASTM D5470 (modified)
Outgassing TML
0.51%
ASTM E595
Outgassing CVCM
0.20%
ASTM E595
Bond Line Thickness Vs Pressure at 70°C
Pressure (psi)
TpcmTM 780
Phase Change Material
Pressure (psi)
Pressure (psi)
Thermal Resistance Vs Pressure
Pressure (psi)
THR-DS-TPCM-780 0613
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the
fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages
of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© Copyright 2013 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technolo-
gies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party
intellectual property rights. Document A15585-00 Rev C 06/2013



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com