Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9617 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9617
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM9617 Datasheet HTML 13Page - National Semiconductor (TI) LM9617 Datasheet HTML 14Page - National Semiconductor (TI) LM9617 Datasheet HTML 15Page - National Semiconductor (TI) LM9617 Datasheet HTML 16Page - National Semiconductor (TI) LM9617 Datasheet HTML 17Page - National Semiconductor (TI) LM9617 Datasheet HTML 18Page - National Semiconductor (TI) LM9617 Datasheet HTML 19Page - National Semiconductor (TI) LM9617 Datasheet HTML 20Page - National Semiconductor (TI) LM9617 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Confidential
17
www.national.com
Functional Description (continued)
8.0
SIGNAL PROCESSING
8.1
Bad Pixel Detection & Correction
The LM9617 has a built-in bad pixel detection and correction
block that operates on the fly. This block can be switched off by
the user.
8.2
Black Level Compensation
In addition to the programmable gain the LM9617 has a built in
black level compensation block as illustrated in Figure 25. This
block can be switched off.
Figure 25. Digital Black Level Compensation.
The black level compensation block will subtract the average
signal level of the black pixels around the array from the digital
video output to compensate for the temperature and integration
time dependent dark signal level of the pixels. The exponential
averaging circuit shown in figure 25 only operates on the least
significant 8 bits of the video data.
9.0
POWER MANAGMENT
9.1
Power Up and Down
The LM9617 is equipped with an on-board power management
system allowing the analog and digital circuitry to be switched
off (power down) and on (power up) at any time.
The sensor can be put into power down mode by asserting a
logic one on the “pdwn” pin or by writing to the power down bit in
the main configuration register via the I
2C compatible serial
interface.
To power up the sensor a logic zero can be asserted on the
“pdwn” pin or write to the power down bit in the main configura-
tion register via the I
2C compatible serial interface.
It will take a few milli seconds for all the circuits to power up. The
power management register contains a bit indicating when the
sensor is ready for use. During this time the sensor cannot be
used for capturing images. A status bit in the power manage-
ment register will indicate when the sensor is ready for use.
9.2
Advanced Power Features
In addition to the power up/power down features of the sensor,
sections of the analog video processing chain can be powered
down and re-routed during normal operation. This flexibility
allows power dissipation to be traded of with signal gain as
shown in the table below:
Figure 26. Power Control
10.0 ANALOG GAIN ADJUSTMENT
The integrated analog programmable gain amplifier is capable
of applying a linear gain 1X to 5.6X in 64 linear steps. This can
be programmed using the VGAIN register as shown in the table
below:
PGA Amp
Power Saving
on
0mW
off
10mW
*a
*(1-a)
+
-
+
+
Σ
z
-1
only enabled for black pixels
input signal
Σ
VidGain
Dec
Code
VidGain
Hex
Code
Gain
Amp
Value
VidGain
Dec
Code
VidGain
Hex
Code
Gain
Amp
Value
0
00
1
32
20
3.34
1
01
1.07
33
21
3.41
2
02
1.15
34
22
3.48
3
03
1.22
35
23
3.56
4
04
1.29
36
24
3.63
5
05
1.37
37
25
3.7
6
06
1.44
38
26
3.77
7
07
1.51
39
27
3.85
8
08
1.58
40
28
3.92
9
09
1.66
41
29
3.99
10
0A
1.73
42
2A
4.07
11
0B
1.8
43
2B
4.14
12
0C
1.88
44
2C
4.21
13
0D
1.95
45
2D
4.29
14
0E
2.02
46
2E
4.36
15
0F
2.1
47
2F
4.43
16
10
2.17
48
30
4.5
17
11
2.24
49
31
4.58
18
12
2.31
50
32
4.65
19
13
2.39
51
33
4.72
20
14
2.46
52
34
4.8
21
15
2.53
53
35
4.87
22
16
2.61
54
36
4.94
23
17
2.68
55
37
5.02
24
18
2.75
56
38
5.09
25
19
2.83
57
39
5.16
26
1A
2.9
58
3A
5.23
27
1B
2.97
59
3B
5.31
28
1C
3.04
60
3C
5.38
29
1D
3.12
61
3D
5.45
30
1E
3.19
62
3E
5.53
31
1F
3.26
63
3F
5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com