Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LLDB3
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LLDB3 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  LLDB3 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LLDB3 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES LLDB3/LLDC34/LLDB4/LLDB6
DIAGRAM 1: Current-voltage characteristics
FIG.1-Power dissipation versus ambient
temperature (maximum values)
FIG.3-Peak pulse current versus pulse duration
(maximum values)
FIG.2-Relative variation of VBO versus junction
temperature(typical values)
DIAGRAM 2: Test circuit for output voltage
DIAGRAM 3: Test circuit see diagram2 adjust R for
I =0.5A
P
IP
90%
10%
tr
10K
W
220V
50Hz
500K
W
D.U.T
R=20
W
VO
0.1 F
m
Tamb( C)
P (mW)
V(T )
V
(T =25 C)
BO
J
BO
J
0
10
0.01
0.1
1
2
100
1000
10000
10 20 30 40 50 60 70 80
100 110 120 130
25
1.00
1.02
1.04
1.06
1.08
50
75
100
125
125
90
0
20
40
60
80
100
120
140
160
f=100Hz
T initial=25 C
J
ITRM(A)
tp( s)
m
TJ(C)
10mA
IBO
IB
0.5 VBO
VBO
V
+IF
-IF
+V
-V
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
3-5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com