Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP2 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CP2
Description  Precise Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CP2 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CP2 Datasheet HTML 1Page - Laird Tech Smart Technology CP2 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CP Series CP2,15,06,L1,W4.5
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEATURES
• Precise Temperature Control
• Compact Geometric Sizes
• Reliable Solid State Operation
• No Sound or Vibration
• Environmentally Friendly
• DC Operation
• RoHS Compliant
APPLICATIONS
• Medical Lasers
• Lab Science Instrumentation
• Clinical Diagnostic Systems
• Photonics Laser Systems
• Electronic Enclosure Cooling
• Food & Beverage Cooling
• Chillers (Liquid Cooling)
The Ceramic Plate (CP) Series of Thermoelectric Modules (TEMs) is considered
‘the standard’ in the thermoelectric industry.
This broad product line of high-performance and highly reliable TEMs is available
in numerous heat pumping capacities, geometric shapes, and input power ranges.
Assembled with Bismuth Telluride semiconductor material and thermally conductive
Aluminum Oxide ceramics, the CP Series is designed for higher current and large
heat-pumping applications.
PERFORMANCE SPECIFICATIONS
Hot Side Temperature (°C)
25
50
Qmax (Watts)
14.4
15.8
Delta Tmax (°C)
67
75
Imax (Amps)
14.0
14.0
Vmax (Volts)
1.7
1.9
Module Resistance (Ohms)
0.11
0.13
SUFFIX THICKNESS
(PRIOR TO TINNING)
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
L1
0.180” ± 0.001”
0.001” / 0.001”
Lapped
Lapped
4.5”
L2
0.180” ± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
4.5”
ML
0.186 ± 0.010”
0.002” / 0.002”
Metallized
Lapped
4.5”
LM
0.186 ± 0.010”
0.002” / 0.002”
Lapped
Metallized
4.5”
SUFFIX SEALANT COLOR TEMP RANGE DESCRIPTION
RT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
EP
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
SEALING OPTION


Similar Part No. - CP2

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CP2 RALTRON-CP2 Datasheet
364Kb / 1P
CLOCK
logo
Japan Aviation Electron...
CP2 JAE-CP2 Datasheet
266Kb / 3P
Board-to-Board Floating Coaxial Connector
logo
ABB
CP2-10B-20 ABB-CP2-10B-20 Datasheet
1Mb / 32P
Pilot devices, 22 mm
edition 3 September 2005
CP2-10L-20 ABB-CP2-10L-20 Datasheet
42Kb / 2P
PUSHBUTTON#CP2-10L-20
CP2-10W-20 ABB-CP2-10W-20 Datasheet
1Mb / 32P
Pilot devices, 22 mm
edition 3 September 2005
More results

Similar Description - CP2

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com