Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASCLINSERT Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # DASCLINSERT
Description  DAS Clarity Ceiling Mount Insert
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASCLINSERT Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  DASCLINSERT Datasheet HTML 1Page - Pulse A Technitrol Company DASCLINSERT Datasheet HTML 2Page - Pulse A Technitrol Company DASCLINSERT Datasheet HTML 3Page - Pulse A Technitrol Company DASCLINSERT Datasheet HTML 4Page - Pulse A Technitrol Company DASCLINSERT Datasheet HTML 5Page - Pulse A Technitrol Company DASCLINSERT Datasheet HTML 6Page - Pulse A Technitrol Company DASCLINSERT Datasheet HTML 7Page - Pulse A Technitrol Company DASCLINSERT Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Issue: 1609 DRAFT RalfYe
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: DAS Clarity Ceiling Mount Insert
PART NUMBER: : DASCLINSERT
Series: Accessory
3
Plastic radome
PC
Color
Clarity
Weight
42 g
Operating temperature
-40~85 ° C
Temperature
Stationary
-40~85 ° C
Cyclic
3 cycles Rate 5°C/min
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com