Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASLTEDIN Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # DASLTEDIN
Description  Low PIM In-building Omni Antenna V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASLTEDIN Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  DASLTEDIN Datasheet HTML 1Page - Pulse A Technitrol Company DASLTEDIN Datasheet HTML 2Page - Pulse A Technitrol Company DASLTEDIN Datasheet HTML 3Page - Pulse A Technitrol Company DASLTEDIN Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
pulseelectronics.com/products/antennas
Pulse Part Number DASLTEDIN
PIMinator™ Series
Low PIM In-building Omni Antenna with DIN Connector
L156.C (10/13)
2
pulseelectronics.com/products/antennas
Mechanical Specifications
Radome Material
UV Protected, UL94 V-0
Color
White
Weight [oz/g]
17.28 / 490
Overall Height
[Inches/mm]
4.81 /122.1
Diameter
[Inches/mm]
8.27 / 210.2
Mounting
Ceiling mounting plate (included)
[1.45”/36.8mm Ø hole]
Environmental Specifications
Operating Temperature [°C]
-40 to +70
Electrical Specifications
Frequency [MHz]
698-960/1710-2170/
2300-2700/4900-5900
Nominal Impedance [Ω]
50
698-960 MHz
1.8:1
1710-5900 MHz
1.5:1
698-960 MHz [dBi typ]
2
1710-2700 MHz [dBi typ]
6
4900-5900 MHz [dBi typ]
8
HPBW Horizontal Plane at 45° [°]
360
HPBW Vertical Plane (698-960) [° typ]
85
HPBW Vertical Plane (1710-5900) [° typ]
50
Polarization
Vertical
Power Rating [W]
50
PIM at 2x20 Watts [dBc]
-155
Connector
7 16 DIN-Female
Sample Installation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com