Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO8063 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RO8063
Description  Outdoor 3G Radome Omni 4 dBi Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO8063 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RO8063 Datasheet HTML 1Page - Pulse A Technitrol Company RO8063 Datasheet HTML 2Page - Pulse A Technitrol Company RO8063 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
pulseelectronics.com/products/antennas
Outdoor 3G Radome Omni
4 dBi Antenna
Pulse Part Number RO8063/21704 Family
L123.B (06/11)
2
pulseelectronics.com/products/antennas
Mechanical Specifications
Radome Material
Pultruded Fiberglass
Color
Off White
Ingress Protection
IP-67
Weight [oz/g]
8 / 228
Wind-loading [Mph]
125
Dimensions [Inches/Meters]
1.45 x 15.3 /
36.9 x 338.9
Flammability Rating
UL94 HB
Environmental Specifications
Operating Temperature [°C]
-40 to +85
Storage Temperature [°C]
-40 to +85
Relative Humidity [%]
100
Electrical Specifications
Frequency 1 [MHz]
806-960
Frequency 2 [MHz]
1710-2170
Nominal Impedance [Ω]
50
Freq 1
2.5:1
Freq 2
2.5:1
Freq 1 [dBi avg]
3 Max
Freq 2 [dBi avg]
4.5 Max
Horizontal Omni
Frequency 1
Vertical - 53˚
Frequency 2
Vertical - 39˚
Power Rating [W]
20
Connector
N Male



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com