Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDA24700 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # SPDA24700
Description  LTE Dipole
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SPDA24700 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  SPDA24700 Datasheet HTML 1Page - Pulse A Technitrol Company SPDA24700 Datasheet HTML 2Page - Pulse A Technitrol Company SPDA24700 Datasheet HTML 3Page - Pulse A Technitrol Company SPDA24700 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
pulseelectronics.com/products/antennas
LTE Dipole
Pulse Part Number SPDA24700/2700
L118.B (06/11)
2
pulseelectronics.com/products/antennas
Mechanical Specifications
Radome Material
PC/ABS
Color
Black
Weight [oz/g]
1.66 / 47
Dimensions [In/mm]
9 / 228
Flamability Rating
UL94 V-0
Environmental Specifications
Operating Temperature [°C]
-30 to +70
Storage Temperature [°C]
-40 to +85
Electrical Specifications
Frequency [MHz]
698-960/1710-2170/
2500-2700
Nominal Impedance [Ω]
50
VSWR
2.5:1
Gain [dBi]
0 Min-2 Max
Polarization
Linear Vertical
Radiation Pattern
Omni
Power Rating [W]
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com