Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2425TE Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2425TE
Description  220V Monolithic Triple Channel 10 MHz CRT DTV Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2425TE Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2425TE Datasheet HTML 1Page - National Semiconductor (TI) LM2425TE Datasheet HTML 2Page - National Semiconductor (TI) LM2425TE Datasheet HTML 3Page - National Semiconductor (TI) LM2425TE Datasheet HTML 4Page - National Semiconductor (TI) LM2425TE Datasheet HTML 5Page - National Semiconductor (TI) LM2425TE Datasheet HTML 6Page - National Semiconductor (TI) LM2425TE Datasheet HTML 7Page - National Semiconductor (TI) LM2425TE Datasheet HTML 8Page - National Semiconductor (TI) LM2425TE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Performance Characteristics (V
CC = +220VDC,VBB = +12VDC,CL = 10 pF, VOUT = 130VPP
(60V – 190V), T
C = 50˚C, Test Circuit — Figure 3 unless otherwise specified)
20124104
FIGURE 4. V
OUT vs VIN
20124105
FIGURE 5. LM2425 Pulse Response
20124106
FIGURE 6. Bandwidth
20124107
FIGURE 7. Speed vs Load Capacitance
20124108
FIGURE 8. Speed vs Offset
20124109
FIGURE 9. Speed vs Case Temperature
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com