Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MS2
Description  Reliable solid state operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MS2 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MS2 Datasheet HTML 1Page - Laird Tech Smart Technology MS2 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
lengTh
00
0.173”± 0.008
0.001” / 0.008”
Metallized
Metallized
1.97”
11
0.165”± 0.008”
0.001” / 0.008”
Lapped
Lapped
1.97”
22
0.173”± 0.008
0.001” / 0.008”
Pre-tinned
Pre-tinned
1.97”
Suffix SealanT color TeMp range deScripTion
rT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
ep
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
Multistage Series MS2,010,06,06,11,11
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FeatureS
• High temperature differential
• Precise temperature control
• Reliable solid state operation
• Environmentally friendly
• DC operation
• RoHS compliant
applicationS
• CCD cameras
• Electron microscope
• Calibration equipment
• Photonics laser systems
• Gas analyzers
• infrared (IR) Sensors
• Guidance Systems
The MS Series of thermoelectric modules (TEMs) are designed to reach cool down
temperatures that are not achievable with single stage TEMs.
This product line is available in numerous heat pumping capacities, geometric shapes
and temperature differentials. Assembled with Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics, the MS Series is designed for higher
current and lower heat-pumping applications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25
Qmax (Watts)
0.3
delta Tmax (°c)
92
imax (amps)
1.1
Vmax (Volts)
0.9
Sealing option


Similar Part No. - MS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS2 ETC1-MS2 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
EUROQUARTZ limited
MS2 EUROQUARTZ-MS2 Datasheet
261Kb / 1P
10.7mm x 4.7mm x 2.0mm SMD
logo
Bel Fuse Inc.
MS2 BEL-MS2 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
logo
PETERMANN-TECHNIK
MS2 PETERMANN-MS2 Datasheet
70Kb / 1P
HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
logo
Crydom Inc.,
MS2 CRYDOM-MS2 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - MS2

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
Reliable Solid State Operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
Reliable solid-state operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
Reliable solid state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
Reliable solid state operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com