Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS231 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MS231
Description  Environmentally friendly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MS231 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MS231 Datasheet HTML 1Page - Laird Tech Smart Technology MS231 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
lengTh
00
0.382”± 0.008”
0.001” / 0.004”
Metallized
Metallized
7.87”
11
0.374”± 0.008”
0.001” / 0.002”
Lapped
Lapped
7.87”
22
0.382”± 0.008”
0.001” / 0.004”
Pre-tinned
Pre-tinned
7.87”
Suffix SealanT color TeMp range deScripTion
rT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
ep
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
Multistage Series MS3,231,10,15
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FeatureS
• High temperature differential
• Precise temperature control
• Reliable solid state operation
• Environmentally friendly
• DC operation
• RoHS compliant
applicationS
• CCD cameras
• Electron microscope
• Calibration equipment
• Photonics laser systems
• Gas analyzers
• infrared (IR) Sensors
• Guidance Systems
The MS Series of thermoelectric modules (TEMs) are designed to reach cool down
temperatures that are not achievable with single stage TEMs.
This product line is available in numerous heat pumping capacities, geometric shapes
and temperature differentials. Assembled with Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics, the MS Series is designed for higher
current and lower heat-pumping applications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25
Qmax (Watts)
6.9
delta Tmax (°c)
104
imax (amps)
1.9
Vmax (Volts)
15.5
Sealing option


Similar Part No. - MS231

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2310 CIT-MS2310 Datasheet
119Kb / 1P
CIT SWITCH
MS2310L4 CIT-MS2310L4 Datasheet
119Kb / 1P
CIT SWITCH
MS2310L6 CIT-MS2310L6 Datasheet
119Kb / 1P
CIT SWITCH
logo
Micro Electronics
MS231A MICRO-ELECTRONICS-MS231A Datasheet
75Kb / 2P
0.3 DUAL DIGIT NUMERIC DISPLAYS
MS231C MICRO-ELECTRONICS-MS231C Datasheet
75Kb / 2P
0.3 DUAL DIGIT NUMERIC DISPLAYS
More results

Similar Description - MS231

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
Environmentally Sealed Pushbuttons
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
Environmentally Sealed Toggles
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
Environmentally Sealed Pushbuttons
logo
International Rectifier
IRL6283MPBF IRF-IRL6283MPBF_15 Datasheet
508Kb / 9P
Environmentally Friendly Product
logo
TE Connectivity Ltd
PCB-PB TEC-PCB-PB Datasheet
228Kb / 2P
Environmentally-friendly cadmium-free contacts
logo
Laird Tech Smart Techno...
AA-100-24-44-00-XX LSTD-AA-100-24-44-00-XX Datasheet
1Mb / 3P
Environmentally friendly solid state operation ??no compressor or CFC refrigerants
ML-1KA LSTD-ML-1KA Datasheet
586Kb / 2P
Environmentally green
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
Production Friendly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com