Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PC8
Description  Precise temperature control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PC8 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PC8 Datasheet HTML 1Page - Laird Tech Smart Technology PC8 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUFFIX
THICKNESS
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
TA
0.131”± 0.001”
0.001” / 0.001”
Lapped
Lapped
6”
TB
0.131”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6”
Power-Cycling Series
PC8,12,F1,4040,TA,W6
Thermal Cycling Module
Americas: +1.919.597.7300
Europe: +46.31.420530
Asia: +86.755.2714.1166
ets.sales@lairdtech.com
www.lairdtech.com
PERFORMANCE SPECIFICATIONS
Hot Side Temperature (°C)
25°C
50°C
Qmax (Watts)
72.0
81.5
Delta Tmax (°C)
67
75
Imax (Amps)
8.5
8.5
Vmax (Volts)
14.5
16.4
Module Resistance (Ohms)
1.55
1.75
FEATURES
• High thermal cycling capability
• Precise temperature control
• Reliable solid state operation
• No sound or vibration
• RoHS Compliant
APPLICATIONS
• Molecular Diagnostics
• Clinical Diagnostics
• Analytical Instrumentation
• Electronic Enclosure Cooling
• Chillers (Liquid Cooling)
The PowerCycling Series is a thermoelectric module (TEM) designed for thermal cycling
between multiple temperature set points and is ideal for applications in healthcare
[and others] where fast temperature changes are required. The module is specially
constructed to reduce the amount of stress induced on the TE elements during operation.
This product line has been tested to withstand 500K cycles without degradation in
performance. The TEMs are assembled using Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics.
SUFFIX SEALANT COLOR TEMP RANGE DESCRIPTION
RT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
SEALING OPTION


Similar Part No. - PC8

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC8010N LSTD-PC8010N Datasheet
415Kb / 1P
All-welded unit construction
PC8010N LSTD-PC8010N Datasheet
415Kb / 1P
No adjustments ever needed
PC804N LSTD-PC804N Datasheet
415Kb / 1P
All-welded unit construction
PC804N LSTD-PC804N Datasheet
415Kb / 1P
No adjustments ever needed
PC806N LSTD-PC806N Datasheet
415Kb / 1P
All-welded unit construction
More results

Similar Description - PC8

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com