Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF2 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PTF2
Description  Strong Lead Attachment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PTF2 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PTF2 Datasheet HTML 1Page - Laird Tech Smart Technology PTF2 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
length
Ta
0.131”± 0.001”
0.001” / 0.001”
Lapped
Lapped
6.0”
TB
0.131”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6.0”
Suffix SealanT color TeMp range deScripTion
r
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
e
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
PolarTEC™Series PT8,12,F2,4040
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEaTurES
• StrongLeadAttachment
• PreciseTemperatureControl
• ReliableSolidStateOperation
• NoSoundorVibration
• DCOperation
• RoHSCompliant
aPPliCaTionS
• AnalyticalInstrumentation
• PhotonicsLaserSystems
• ElectronicEnclosureCooling
• FoodandBeverageCooling
• Chillers(LiquidCooling)
• ConsumerAppliances
ThePolarTEC™ Seriesconsistsofporch-stylethermoelectricmodules(TEMs).Thehot
sideoftheceramichasanextendededgethatallowsstrongleadattachment
toaccommodatethewiringofmultipleTEMsintoanarray.
Thisproductlineisavailablein4,6,and8Ampconfigurationsandisidealforhigh-
volumeproduction.AssembledwithBismuthTelluridesemiconductormaterial
andthermallyconductiveAluminumOxideceramics,thePolarTEC™ Seriesis
designedforhighercurrentandlargerheat-pumpingapplications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25°C
50°C
Qmax (Watts)
73.9
83.4
delta Tmax (°c)
64
75
imax (amps)
8.5
8.7
Vmax (Volts)
14.3
16.2
Module resistance (ohms)
1.55
1.75
SEaling oPTion


Similar Part No. - PTF2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTF20024 MACOM-PTF20024 Datasheet
199Kb / 3P
Miniature Power Relay
PTF20024 MACOM-PTF20024 Datasheet
261Kb / 3P
Miniature Power Relay PTF
PTF20524 MACOM-PTF20524 Datasheet
199Kb / 3P
Miniature Power Relay
PTF20524 MACOM-PTF20524 Datasheet
261Kb / 3P
Miniature Power Relay PTF
PTF20615 MACOM-PTF20615 Datasheet
199Kb / 3P
Miniature Power Relay
More results

Similar Description - PTF2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1411 MAXIM-DS1411_11 Datasheet
58Kb / 2P
Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
Rev 6/11
logo
List of Unclassifed Man...
SCS200 ETC2-SCS200 Datasheet
168Kb / 2P
Secure Shell (SSH) access provides strong authentication and secure communications
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
Copal Electronics
PA-840 COPAL-PA-840 Datasheet
373Kb / 4P
Strong structure with IP67 degree of protection
logo
List of Unclassifed Man...
MIKE-2A ETC2-MIKE-2A Datasheet
903Kb / 3P
Strong magnetic base
logo
TE Connectivity Ltd
V23054 TEC-V23054 Datasheet
880Kb / 7P
Strong magnet system and wide voltage range
S-V23054 TEC-S-V23054 Datasheet
880Kb / 7P
Strong magnet system and wide voltage range
logo
Laird Tech Smart Techno...
ECE126 LSTD-ECE126 Datasheet
183Kb / 1P
Retains strong EMI protection
ECE116 LSTD-ECE116 Datasheet
1Mb / 1P
Retains strong EMI protection
logo
STCmicro Technology Co,...
STC15 STC-STC15 Datasheet
8Mb / 887P
Super Strong Anti-Disturbance, Super Advanced Encryption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com