Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4893MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4893MM
Description  1.1 Watt Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4893MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4893MM Datasheet HTML 1Page - National Semiconductor (TI) LM4893MM Datasheet HTML 2Page - National Semiconductor (TI) LM4893MM Datasheet HTML 3Page - National Semiconductor (TI) LM4893MM Datasheet HTML 4Page - National Semiconductor (TI) LM4893MM Datasheet HTML 5Page - National Semiconductor (TI) LM4893MM Datasheet HTML 6Page - National Semiconductor (TI) LM4893MM Datasheet HTML 7Page - National Semiconductor (TI) LM4893MM Datasheet HTML 8Page - National Semiconductor (TI) LM4893MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4893
1.1 Watt Audio Power Amplifier
General Description
The LM4893 is an audio power amplifier primarily designed
for demanding applications in mobile phones and other por-
table communication device applications. It is capable of
delivering 1.1 watt of continuous average power to an 8
Ω
BTL load with less than 1% distortion (THD+N) from a 5V
DC
power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4893 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for lower-power portable applications where
minimal space and power consumption are primary require-
ments.
The LM4893 features a low-power consumption global shut-
down mode, which is achieved by driving the shutdown pin
with logic low. Additionally, the LM4893 features an internal
thermal shutdown protection mechanism.
The LM4893 contains advanced pop & click circuitry which
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
The LM4893 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
j Improved PSRR at 5V, 3V, & 217Hz
62dB (typ)
j Higher Power Output at 5V & 1% THD
1.1W (typ)
j Higher Power Output at 3V & 1% THD
350mW (typ)
j Shutdown Current
0.1µA (typ)
Features
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
n
Unity gain stable
n
Ultra low current shutdown mode
n
Instantaneous turn-on time
n
BTL output can drive capacitive loads up to 100pF
n
Advanced pop & click circuitry eliminates noises during
turn-on and turn-off transitions
n
2.2V - 5.5V operation
n
Available in space-saving µSMD, SO, and MSOP
packages
Applications
n
Mobile Phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20038001
FIGURE 1. Typical Audio Amplifier Application Circuit
August 2004
© 2004 National Semiconductor Corporation
DS200380
www.national.com


Similar Part No. - LM4893MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4890 TI-LM4890 Datasheet
1Mb / 36P
1 Watt Audio Power Amplifier
LM48901 TI-LM48901 Datasheet
821Kb / 51P
Audio Power Amplifier Series
LM48901RL TI-LM48901RL Datasheet
821Kb / 51P
Audio Power Amplifier Series
LM48901RLX TI-LM48901RLX Datasheet
821Kb / 51P
Audio Power Amplifier Series
More results

Similar Description - LM4893MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4897 NSC-LM4897 Datasheet
612Kb / 14P
1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4879 NSC-LM4879 Datasheet
788Kb / 25P
1.1 Watt Audio Power Amplifier
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890 Datasheet
324Kb / 9P
1.1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4879 TI1-LM4879 Datasheet
1Mb / 32P
1.1 Watt Audio Power Amplifier
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com