Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTF1 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # UTF1
Description  High heat pump density
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

UTF1 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  UTF1 Datasheet HTML 1Page - Laird Tech Smart Technology UTF1 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
UltraTECTM Series UT6,24,F1,5555
Thermoelectric Module
Americas: +1 888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
SUFFIX
THICKNESS
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
TA
0.154” +/- 0.001”
0.0008” / 0.0016”
Lapped
Lapped
6.0”
3.90 +/- 0.02 mm
0.02 mm / 0.04 mm
Lapped
Lapped
152.4 mm
FEATURES
• Highheatpumpdensity
• Precisetemperaturecontrol
• Reliablesolidstateoperation
• Nosoundorvibration
• DCoperation
• RoHScompliant
APPLICATIONS
• Analyticalinstrumentation
• Clinicaldiagnostics
• Photonicslasersystems
• Electronicenclosurecooling
• Foodandbeveragecooling
• Chillers(liquidcooling)
TheUltraTECTMSeriesisahighheatpumpingdensitythermoelectricmodule(TEM).Themoduleis
assembledwithalargenumberofsemiconductorcouplestoachieveahigherheatpumpingcapacity
thanstandardsinglestageTEMs.
Thisproductlineisavailableinmultipleconfigurationsandisidealforapplicationsthatrequirehigher
coolingcapacitieswithlimitedsurfacearea.AssembledwithBismuthTelluridesemiconductormaterial
andthermallyconductiveAluminumOxideceramics,theUltraTECTMSeriesisdesignedforhigher
currentandlargerheat-pumpingapplications.
PERFORMANCE SPECIFICATIONS
Hotsidetemperature(°C)
25
Qmax(watts)
113
DeltaTmax(°C)
74
Imax(amps)
6.0
Vmax(volts)
29.8
SUFFIX SEALANT
COLOR
TEMP RANGE DESCRIPTION
RT
RTV
White
-60to204°C
Non-corrosive,siliconeadhesivesealant
EP
Epoxy
Black
-55to150°C
Lowdensitysyntacticfoamepoxyencapsulant
SEALING OPTION


Similar Part No. - UTF1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTF1404 UTC-UTF1404 Datasheet
188Kb / 6P
160A, 40V N-CHANNEL POWER MOSFET
UTF1404G-TA3-T UTC-UTF1404G-TA3-T Datasheet
188Kb / 6P
160A, 40V N-CHANNEL POWER MOSFET
UTF1404L-TA3-T UTC-UTF1404L-TA3-T Datasheet
188Kb / 6P
160A, 40V N-CHANNEL POWER MOSFET
More results

Similar Description - UTF1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDVERTICAL ETC2-HDVERTICAL Datasheet
329Kb / 4P
MALE-HIGH DENSITY
logo
Ohmite Mfg. Co.
ARF OHMITE-ARF Datasheet
250Kb / 2P
High power density
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
High Power Density
logo
Mallory performance clu...
PN2926 MALLORY-PN2926 Datasheet
568Kb / 2P
High Horsepower Fuel Pump
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
High Density Packaging
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
High power density
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
High density
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
High Density Connectors High Density Steckverbinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com