Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4040 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # UT4040
Description  No sound or vibration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

UT4040 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  UT4040 Datasheet HTML 1Page - Laird Tech Smart Technology UT4040 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UltraTECTM Series UT15,12,F2,4040
Thermoelectric Module
Americas: +1 888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
SUFFIX THICKNESS
FLATNESS &
PARALLELISM
HOT FACE COLD FACE LEAD LENGTH
TA
0.112” +/- 0.001”
0.001” / 0.001”
Lapped
Lapped
6.0”
TB
0.112” +/- 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6.0”
FEATURES
• High heat pump density
• Precise temperature control
• Reliable solid state operation
• No sound or vibration
• DC operation
• RoHS compliant
APPLICATIONS
• Analytical instrumentation
• Clinical diagnostics
• Photonics laser systems
• Electronic enclosure cooling
• Food and beverage cooling
• Chillers (liquid cooling)
The UltraTECTM Series is a high heat pumping density thermoelectric module (TEM). The module is
assembled with a large number of semiconductor couples to achieve a higher heat pumping capacity
than standard single stage TEMs.
This product line is available in multiple configurations and is ideal for applications that require higher
cooling capacities with limited surface area. Assembled with Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics, the UltraTECTM Series is designed for higher
current and larger heat-pumping applications.
PERFORMANCE SPECIFICATIONS
Hot side temperature (°C)
25
50
Qmax (watts)
126.2
138.6
Delta Tmax (°C)
67
75
Imax (amps)
14.7
14.7
Vmax (volts)
14.5
16.4
Module resistance (ohms)
0.91
1.03
SUFFIX SEALANT
COLOR
TEMP RANGE DESCRIPTION
RT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
EP
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
SEALING OPTION


Similar Part No. - UT4040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UT4040 MICROSEMI-UT4040 Datasheet
139Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UT4040 DIGITRON-UT4040 Datasheet
157Kb / 3P
STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
UT4040 NJSEMI-UT4040 Datasheet
92Kb / 2P
Standard Recovery, 2 Amp to 4 Amp
More results

Similar Description - UT4040

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9233 NI-NI9233 Datasheet
544Kb / 6P
Sound and Vibration Data Acquisition
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
Sound and Vibration Data Acquisition
logo
Laird Tech Smart Techno...
CP14 LSTD-CP14 Datasheet
582Kb / 2P
No Sound or Vibration
ZT4 LSTD-ZT4 Datasheet
537Kb / 2P
No sound or vibration
ZT8 LSTD-ZT8 Datasheet
537Kb / 2P
No sound or vibration
CP10-63-05 LSTD-CP10-63-05 Datasheet
246Kb / 3P
No sound or vibration
logo
Pepperl+Fuchs Inc.
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
logo
PCE Instruments.
PCE-VT3800 PCE-PCE-VT3800 Datasheet
177Kb / 2P
Vibration Analyzer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com