Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6504MM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6504MM
Description  Wideband, Low Power, Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6504MM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6504MM Datasheet HTML 9Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 10Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 11Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 12Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 13Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 14Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 15Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 16Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Information (Continued)
Eq. 3
Where K = 0.965 (nominal) N = 0.96V & V
C = 80mV @ room
temperature
ForaV
G range, the value specified in the tables represents
the worst case accuracy over the entire range. The "Typical"
value would be the worst case difference between the "Typi-
cal gain" and the "Theoretical gain". The "Max" value would
be the worst case difference between the actual gain and the
"Theoretical gain" for the entire population.
GAIN MATCHING
Gain matching as the limit on gain variation at a certain V
G
(expressed in dB) (see Figure 2) and is specified as "Max"
only (no "Typical"). For a V
G range, the value specified
represents the worst case matching over the entire range.
The "Max" value would be the worst case difference between
the actual gain and the typical gain for the entire population.
GAIN PARTITIONING
If high levels of gain are needed, gain partitioning should be
considered:
The maximum gain range for this circuit is given by the
following equation:
Eq. 4
The LMH6624 is a low noise wideband voltage feedback
amplifier. Setting R
2 at 909
Ω and R
1 at 100
Ω produces a
gain of 20 dB. Setting R
F at 1000
Ω as recommended and R
G
at 50
Ω, produces a gain of about 26 dB in the LMH6504. The
total gain of this circuit is therefore approximately 46 dB. It is
important to understand that when partitioning to obtain high
levels of gain, very small signal levels will drive the amplifiers
to full scale output. For example, with 46 dB of gain, a 20 mV
signal at the input will drive the output of the LMH6624 to 200
mV, the output of the LMH6504 to 4V. Accordingly, the
designer must carefully consider the contributions of each
stage to the overall characteristics. Through gain partitioning
the designer is provided with an opportunity to optimize the
frequency response, noise, distortion, settling time, and
loading effects of each amplifier to achieve improved overall
performance.
LMH6504 GAIN CONTROL RANGE AND MINIMUM GAIN
Before discussing Gain Control Range, it is important to
understand the issues which limit it. The minimum gain of the
LMH6504, theoretically, is zero, but in practical circuits is
limited by the amount of feedthrough, here defined as the
gain when V
G = 0V. Capacitive coupling through the board
and package as well as coupling through the supplies will
determine the amount of feedthrough. Even at DC, the input
signal will not be completely rejected. At high frequencies
feedthrough will get worse because of its capacitive nature.
At frequencies below 10 MHz, the feed through will be less
than −60 dB and therefore, it can be said that with A
VMAX =
20 dB, the gain control range is 80 dB.
20084351
FIGURE 2. LMH6504 Gain Accuracy & Gain Matching
Defined
20084352
FIGURE 3. Gain Partitioning
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com