Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8270 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8270
Description  High Common Mode, Gain of 20, Precision Voltage Difference Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8270 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP8270 Datasheet HTML 1Page - National Semiconductor (TI) LMP8270 Datasheet HTML 2Page - National Semiconductor (TI) LMP8270 Datasheet HTML 3Page - National Semiconductor (TI) LMP8270 Datasheet HTML 4Page - National Semiconductor (TI) LMP8270 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LMP8270, LMP8275
High Common Mode, Gain of 20, Precision Voltage
Difference Amplifiers
General Description
The LMP™8270, LMP8275 are fixed gain differential ampli-
fiers with a -2V to 27V input common mode voltage range
and a supply voltage range of 4.5V to 5.5V. The LMP8270,
LMP8275 are precision amplifiers which will detect, amplify
and filter small differential signals in the presence of high
common mode voltages. The gain is fixed at 20 and is
adequate to drive an ADC to full scale in most cases. The
LMP8270, LMP8275 have a preamplifier with a fixed gain of
10 and an amplifier with a fixed gain of 2, achieving overall
fixed gain of 20. The internal signal path between these two
stages is brought out on two pins, A1 and A2, which provide
a connection for a filter network.
The LMP8270, LMP8275 will function with reduced specifi-
cations over the extended common mode input voltage
range of -5 to 36 Volts. This feature makes the device
suitable for applications with load dump in automotive sys-
tems.
Features
n
Typical Values, TA = 25˚C
n
Input Offset Voltage
1mV max
n
TCVos (LMP8270)
15µV/˚C max
n
TCVos (LMP8275)
30µV/˚C max
n
CMRR
80dB Min
n
Extended CMVR
-5V to 36V
n
Output Voltage Swing
Rail to Rail
n
Bandwidth
80KHz
n
Operating Temperature Range (Ambient) -40˚C to 125˚C
n
Operating Temperature Range (bare die) -40˚C to 150˚C
n
Supply Voltage
4.5V to 5.5V
n
Supply Current
1mA
Applications
n
Fuel Injection Control
n
Low Side Driver Configuration Current Sensing
n
Power Management Systems
Typical Application
Typical Application: Low side Current Sensing
20130702
LMP™ is a trademark of National Semiconductor Corporation.
PRELIMINARY
January 2005
© 2005 National Semiconductor Corporation
DS201307
www.national.com


Similar Part No. - LMP8270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
Precision Voltage Difference Amplifier
More results

Similar Description - LMP8270

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
AD628 AD-AD628 Datasheet
247Kb / 20P
High Common-Mode Voltage Programmable Gain Difference Amplifier
4/04-Data Sheet Changed from Rev. B to Rev. C
logo
National Semiconductor ...
LMP8271 NSC-LMP8271 Datasheet
468Kb / 5P
High Common Mode, Gain of 20, Bidirectional Precision Voltage Difference Amplifiers
LMP8272 NSC-LMP8272 Datasheet
457Kb / 5P
High Common Mode, Gain of 14, Precision Voltage Difference Amplifiers
logo
Analog Devices
AD628 AD-AD628_06 Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD8479 AD-AD8479 Datasheet
409Kb / 16P
Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
AD628 AD-AD628_15 Datasheet
573Kb / 21P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
Very High Common-Mode Voltage Precision Difference Amplifier
9/15-Rev. 0 to Rev. A
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com