Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8271 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8271
Description  High Common Mode, Gain of 20, Bidirectional Precision Voltage Difference Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8271 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMP8271 Datasheet HTML 1Page - National Semiconductor (TI) LMP8271 Datasheet HTML 2Page - National Semiconductor (TI) LMP8271 Datasheet HTML 3Page - National Semiconductor (TI) LMP8271 Datasheet HTML 4Page - National Semiconductor (TI) LMP8271 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Application Note (Continued)
This represents a value that the LMP8271 and LMP8276
have not been optimized and trimmed for and may very well
be above the limits indicated in the electrical characteristics
tables.
Midrail Offset Adjustment Pin
The external midrail offset adjustment pin enables the user
to utilize this device for bidirectional current sensing. If the
offset pin, pin 7, is connected to ground then the LMP8271,
LMP8276 are capable of sensing positive signals. When the
offset pin is connected to V
S then 1/2VS is added to the
output and under this condition the amplifier can sense both
positive and negative signals. If this offset pin is connected
to any voltage between ground and V
S, then the output is
increased by a voltage equal to half of that offset, e.g. If the
offset is connected to V
X, then the output increases by
1/2V
X. The following figure shows how this works:
Note that the offset pin, pin 7, needs to be connected at all
times. If the pin is left floating, the LMP8271 and LMP8276
will be operating in an undefined mode. Also pin 7 should be
driven from a low impedance source.
20130806
FIGURE 2.
www.national.com
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com