Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8091ART-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8091ART-R2
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091ART-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8091ART-R2 Datasheet HTML 1Page - Analog Devices AD8091ART-R2 Datasheet HTML 2Page - Analog Devices AD8091ART-R2 Datasheet HTML 3Page - Analog Devices AD8091ART-R2 Datasheet HTML 4Page - Analog Devices AD8091ART-R2 Datasheet HTML 5Page - Analog Devices AD8091ART-R2 Datasheet HTML 6Page - Analog Devices AD8091ART-R2 Datasheet HTML 7Page - Analog Devices AD8091ART-R2 Datasheet HTML 8Page - Analog Devices AD8091ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Cost, High Speed
Rail-to-Rail Amplifiers
AD8091/AD8092
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low cost single (AD8091) and dual (AD8092) amplifiers
Fully specified at +3 V, +5 V, and ±5 V supplies
Single-supply operation
Output swings to within 25 mV of either rail
High speed and fast settling on 5 V
110 MHz, −3 dB bandwidth (G = +1)
145 V/μs slew rate
50 ns settling time to 0.1%
Good video specifications (G = +2)
Gain flatness of 0.1 dB to 20 MHz; RL = 150 Ω
0.03% differential gain error; RL = 1 kΩ
0.03%differential phase error; RL = 1 kΩ
Low distortion
−80 dBc total harmonic @ 1 MHz; RL = 100 Ω
Outstanding load drive capability
Drives 45 mA, 0.5 V from supply rails
Drives 50 pF capacitive load (G = +1)
Low power of 4.4 mA per amplifier
APPLICATIONS
Coaxial cable drivers
Active filters
Video switchers
Professional cameras
CCD imaging systems
CDs/DVDs
Clock buffers
CONNECTION DIAGRAMS
NC = NO CONNECT
AD8091
NC 1
–IN 2
+IN 3
–VS 4
NC
+VS
VOUT
NC
8
7
6
5
Figure 1. SOIC-8 (R-8)
AD8091
VOUT 1
–VS 2
+IN 3
+VS
5
–IN
4
Figure 2. SOT23-5 (RJ-5)
NC = NO CONNECT
AD8092
OUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
OUT
–IN2
+IN2
8
7
6
5
Figure 3. MSOP-8 and SOIC-8 (RM-8, R-8)
GENERAL DESCRIPTION
The AD8091 (single) and AD8092 (dual) are low cost, voltage
feedback, high speed amplifiers designed to operate on +3 V,
+5 V, or ±5 V supplies. The AD8091/AD8092 have true single-
supply capability, with an input voltage range extending 200 mV
below the negative rail and within 1 V of the positive rail.
Despite their low cost, the AD8091/AD8092 provide excellent
overall performance and versatility. The output voltage swing
extends to within 25 mV of each rail, providing the maximum
output dynamic range with excellent overdrive recovery. This
makes the AD8091/AD8092 useful for video electronics, such
as cameras, video switchers, or any high speed portable equip-
ment. Low distortion and fast settling make them ideal for
active filter applications.
The AD8091/AD8092 offer a low power supply current and can
operate on a single 3 V power supply. These features are ideally
suited for portable and battery-powered applications where size
and power are critical.
The wide bandwidth and fast slew rate make these amplifiers
useful in many general-purpose, high speed applications where
dual power supplies of up to ±6 V and single supplies from +3
V to +12 V are needed.
This low cost performance is offered in an 8-lead SOIC
(AD8091/AD8092), a tiny SOT23-5 (AD8091), and an MSOP
(AD8092).


Similar Part No. - AD8091ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8091ART-R2 AD-AD8091ART-R2 Datasheet
488Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8091ART-R2 AD-AD8091ART-R2 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results

Similar Description - AD8091ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8054 AD-AD8054_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com