Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4851-2WYRMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4851-2WYRMZ-R7
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-2WYRMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4851-2WYRMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 10 of 24
ABSOLUTE MAXIMUM RATINGS
PD = Quiescent Power + (Total Drive Power − Load Power)
Table 4.
Parameter
Rating
Supply Voltage
12.6 V
Power Dissipation
See Figure 5
Common-Mode Input Voltage
−VS − 0.5 V to +VS + 0.5 V
Differential Input Voltage
+VS to −VS
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature
JEDEC J-STD-20
Junction Temperature
150°C
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
–
2
⎟
⎠
⎞
⎜
⎝
⎛
×
+
×
=
RMS output voltages should be considered. If RL is referenced
to −VS, as in single-supply operation, the total drive power is
VS × IOUT. If the rms signal levels are indeterminate, consider the
worst case, when VOUT = VS/4 for RL to midsupply.
() (
)
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
In single-supply operation with RL referenced to −VS, the worst
case is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA.
In addition, more metal directly in contact with the package
leads and through holes under the device reduces θJA.
Figure 5 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 6-lead SOT-23
(170°C/W), the 8-lead MSOP (150°C/W), and the 14-lead
TSSOP (120°C/W) on a JEDEC standard 4-layer board. θJA
values are approximations.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions; that is, θJA is specified
for device soldered in circuit board for surface-mount packages.
0
2.0
–55
125
AMBIENT TEMPERATURE (
°C)
1.5
1.0
0.5
–45 –35 –25 –15 –5
5
15253545 55657585 95 105 115
SOT-23-6
TSSOP
MSOP
Table 5. Thermal Resistance
Package Type
θJA
Unit
6-lead SOT-23
170
°C/W
8-lead MSOP
150
°C/W
14-lead TSSOP
120
°C/W
Maximum Power Dissipation
The maximum safe power dissipation for the ADA4851-1/
ADA4851-2/ADA4851-4 is limited by the associated rise in
junction temperature (TJ) on the die. At approximately 150°C,
which is the glass transition temperature, the plastic changes its
properties. Even temporarily exceeding this temperature limit
may change the stresses that the package exerts on the die,
permanently shifting the parametric performance of the
amplifiers. Exceeding a junction temperature of 150°C for an
extended period can result in changes in silicon devices,
potentially causing degradation or loss of functionality.
Figure 5. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the die
due to the drive of the amplifier at the output. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com