Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3970 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3970
Description  Power Management Unit for Advanced Application Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3970 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3970 Datasheet HTML 1Page - National Semiconductor (TI) LP3970 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LP3970
Power Management Unit for Advanced Application
Processors
General Description
The LP3970 is a multi-function, programmable Power Man-
agement Unit, designed especially for advanced application
processors. The LP3970 has been optimized for low power
handheld applications PMU provides 11 low dropout, low
noise linear regulators, two DC/DC magnetic buck regula-
tors, a back-up battery charger and 4 GPO’s. A high speed
serial interface is included to program individual regulator
output voltages as well on/off control.
Key Specifications
Buck regulators
n
Programmable V
OUT from 0.8 to 3.5 V
n
Up to 95% Efficiency
n
600 mA output current
n
+3% output voltage accuracy
LDO’s
n
Programmable V
OUT of 1.5-3.3 V
n
+3% output voltage accuracy
n
100/150/300 mA output current
n
100 mV (typ) Dropout
Features
n
Compatible with advanced applications processors
n
Additional buck regulator for powering high current
peripheral devices
n
11 LDOs for powering Internal processor functions and
I/O’s
n
Backup battery charger for Lithium and
Lithium-Manganese coin cell batteries
n
Automatic switching to backup battery
n
High speed serial interface for independent control of
device functions and settings
n
Precision internal reference
n
Thermal overload protection
n
Current overload protection
n
48-lead 7x7x0.8 mm LLP package
n
Software Programmable Low Noise LDO’s
Applications
n
PDA phones
n
Smart phones
n
Personal Media Players
n
Digital Cameras
Simplified Application Circuit
20137101
ADVANCE INFORMATION
January 2005
© 2005 National Semiconductor Corporation
DS201371
www.national.com


Similar Part No. - LP3970

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
logo
Texas Instruments
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
LP3971SQ-2G16/NOPB TI1-LP3971SQ-2G16/NOPB Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
LP3971SQ-7848/NOPB TI1-LP3971SQ-7848/NOPB Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
More results

Similar Description - LP3970

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3972 NSC-LP3972_08 Datasheet
1Mb / 60P
Power Management Unit for Advanced Application Processors
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
Texas Instruments
LP3974 TI1-LP3974 Datasheet
1Mb / 10P
PRODUCT BRIEF High Performance Power Management Unit for Application Processors
LP3972 TI1-LP3972_14 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971_16 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
logo
Linear Technology
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com