Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP04DA12S15 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP04DA12S15
Description  4W Wide Range Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP04DA12S15 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP04DA12S15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP04DA12S15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP04DA12S15 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP04DA12S15 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP04DA Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION
:
:
:
:
The rated output power of TP04DA converters is 4W,the outline dimensions is
"31.75*20.32*11.2", 2:1 and 4:1 wide input voltage range,the voltage range is
4.9V-9V,9V-18V,18V-36V,36V-72V,9V-36V and 18V-72VDC.The accuracy of the
converter can reach ±1% ,It can be widely used in telecommunications, railway
transportation, instrument and etc.
4W Wide Range Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
*Only product when order confirmed.
FEATURES
4W output power
2:1 and 4:1 wide input voltage range
Over load protection
31.75mm*20.32mm*11.2mm standard package
Fixed switching frequency
Operating temperature: -40℃to 85℃
Metal shell packaging
RoHS compliant
3KVDC isolated optional
SELECTION GUIDE
Part Number
Input Vlotage
Output
Efficiency(Typ)
%
Maxium capacitive load
(u F)
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP04DA05S05
5(2:1)
4.5-9
5
0.8
≥73
1000
TP04DA05D05
5(2:1)
4.5-9
±5
±0.4
≥73
±470
TP04DA12S04
12(2:1)
9-18
3.3
1.2
≥73
2200
TP04DA12S05
12(2:1)
9-18
5
0.8
≥74
1000
TP04DA12S12
12(2:1)
9-18
12
0.33
≥75
220
TP04DA12S15
12(2:1)
9-18
15
0.26
≥75
100
TP04DA12D05
12(2:1)
9-18
±5
±0.4
≥76
±470
TP04DA12D12
12(2:1)
9-18
±12
±0.16
≥78
±100
TP04DA12D15
12(2:1)
9-18
±15
±0.13
≥79
±47
TP04DA24S04
24(2:1)
18-36
3.3
1.2
≥74
2200
TP04DA24S05
24(2:1)
18-36
5
0.8
≥76
1000
TP04DA24S12
24(2:1)
18-36
12
0.33
≥76
220
TP04DA24S15
24(2:1)
18-36
15
0.26
≥76
220
TP04DA24D05
24(2:1)
18-36
±5
±0.4
≥78
±470
TP04DA24D12
24(2:1)
18-36
±12
±0.16
≥79
±100
TP04DA24D15
24(2:1)
18-36
±15
±0.13
≥79
±47
TP04DA48S04
48(2:1)
36-72
3.3
1.2
≥74
2200
TP04DA48S05
48(2:1)
36-72
5
0.8
≥76
680
TP04DA48S12
48(2:1)
36-72
12
0.33
≥78
330
TP04DA48S15
48(2:1)
36-72
15
0.26
≥78
100
TP04DA48D05
48(2:1)
36-72
±5
±0.4
≥79
±470
TP04DA48D12
48(2:1)
36-72
±12
±0.16
≥79
±100
TP04DA48D15
48(2:1)
36-72
±15
±0.13
≥80
±47
TP04DA24S05W
24(4:1)
9-36
5
0.8
≥75
680
TP04DA24S12W
24(4:1)
9-36
12
0.33
≥75
330
TP04DA24S15W
24(4:1)
9-36
15
0.26
≥75
100
TP04DA24D05W
24(4:1)
9-36
±5
±0.4
≥77
±470
TP04DA24D12W
24(4:1)
9-36
±12
±0.16
≥78
±100
TP04DA24D15W
24(4:1)
9-36
±15
±0.13
≥78
±47
TP04DA48S05W
48(4:1)
18-72
5
0.8
≥75
680
TP04DA48S12W
48(4:1)
18-72
12
0.33
≥77
470
TP04DA48S15W
48(4:1)
18-72
15
0.26
≥77
100


Similar Part No. - TP04DA12S15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP04DA12S15 TOPPOWER-TP04DA12S15 Datasheet
290Kb / 5P
4W Wide Range Input Voltage DC/DC Converters
More results

Similar Description - TP04DA12S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW2000 MINMAX-MIW2000 Datasheet
234Kb / 8P
3-4W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
Wide Input Range Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A400RU MPD-A400RU Datasheet
175Kb / 2P
Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
Wide Input Range Single Output DC-DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP04AC TOPPOWER-TP04AC Datasheet
712Kb / 3P
4W 3KVAC Isolation Wide Input AC/DC Converters
TP04DA TOPPOWER-TP04DA_19 Datasheet
290Kb / 5P
4W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com