Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05DB Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP05DB
Description  5W Wide Voltage Input DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05DB Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP05DB Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05DB Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05DB Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05DB Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP05DB Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page3 / 4
Units: mm
Tolerance:±0.2mm
MECHANICAL DIMENSIONS
PIN CONNECTION
Pin
Single output
Dual output
1
+Vin
+Vin
2
-Vin
-Vin
3
-Vout
-Vout
4
/
Com
5
+Vout
+Vout
MODEL SELECTION
RECOMMEND CIRCUIT:
Single Output
:
+vin
-vin
Cin
+
+V0
Cout
+
-V0
DC-DC
TP 05
D
B 24 S 05 W
W:4:1 Wide voltage input range
Output voltage
S: single output
D: Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
25.40
25.40
10.16
10.16
2.54
10.16
5.08
2.54
20.32
11.20
>4.00
1.00
1.20
1
2
5
4
3
bottom view



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com