Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP06DA Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP06DA
Description  6W Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP06DA Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP06DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TP06DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TP06DA Datasheet HTML 3Page - Toppower Electronic Technology Limited TP06DA Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP06DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 4
DESCRIPTION
:
:
:
:
The rated output power of TP06DA converters is 6W,the outline dimensions is
"31.75*20.32*11.2", 2:1 and 4:1 wide input Voltage range,the voltage range is
9V-18V,18V-36V,36V-72V,9V-36V and 18V-72VDC.The accuracy of the converter can reach
±1% it can be widely used in telecommunications, railway transportation, instrument and etc.
6W Wide Input Voltage DC/DC Converters
FEATURES
6W output power
2:1 and 4:1 wide input voltage range
Over load protection
31.75mm*20.32mm*11.2mm standard package
Fixed switching frequency
Over voltage protection
Metal shell package
RoHS compliant
Operating temperature: -40 to
℃
85℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
Maxmum capacitive
load
(u F)
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP06DA12S03
12(2:1)
9-18
3.3
1.5
≥77
2200
TP06DA12S05
12(2:1)
9-18
5
1.2
≥79
1500
TP06DA12S12
12(2:1)
9-18
12
0.5
≥82
660
TP06DA12S15
12(2:1)
9-18
15
0.4
≥84
470
TP06DA12D05
12(2:1)
9-18
±5
±0.6
≥79
±850
TP06DA12D12
12(2:1)
9-18
±12
±0.25
≥82
±140
TP06DA12D15
12(2:1)
9-18
±15
±0.2
≥84
±47
TP06DA24S03
24(2:1)
18-36
3.3
1.5
≥78
2200
TP06DA24S05
24(2:1)
18-36
5
1.2
≥80
1500
TP06DA24S12
24(2:1)
18-36
12
0.5
≥84
660
TP06DA24S15
24(2:1)
18-36
15
0.4
≥86
470
TP06DA24S24
24(2:1)
18-36
24
0.25
≥83
470
TP06DA24D05
24(2:1)
18-36
±5
±0.6
≥81
±850
TP06DA24D12
24(2:1)
18-36
±12
±0.25
≥84
±140
TP06DA24D15
24(2:1)
18-36
±15
±0.2
≥86
±47
TP06DA48S03
48(2:1)
36-72
3.3
1.5
≥78
2200
TP06DA48S05
48(2:1)
36-72
5
1.2
≥80
1500
TP06DA48S12
48(2:1)
36-72
12
0.5
≥84
660
TP06DA48S15
48(2:1)
36-72
15
0.4
≥86
470
TP06DA48D05
48(2:1)
36-72
±5
±0.6
≥80
±850
TP06DA48D12
48(2:1)
36-72
±12
±0.25
≥84
±140
TP06DA48D15
48(2:1)
36-72
±15
±0.2
≥83
±47
TP06DA24S05W
24(4:1)
9-36
5
1.2
≥80
1500
TP06DA24S12W
24(4:1)
9-36
12
0.5
≥82
660
TP06DA24S15W
24(4:1)
9-36
15
0.4
≥84
470
TP06DA24D05W
24(4:1)
9-36
±5
±0.6
≥80
±850
TP06DA24D12W
24(4:1)
9-36
±12
±0.25
≥82
±140
TP06DA24D15W
24(4:1)
9-36
±15
±0.2
≥84
±47
TP06DA48S05W
48(4:1)
18-72
5
1.2
≥77
1500
TP06DA48S12W
48(4:1)
18-72
12
0.5
≥80
660
TP06DA48S15W
48(4:1)
18-72
15
0.4
≥84
470
TP06DA48D05W
48(4:1)
18-72
±5
±0.6
≥80
±850
TP06DA48D12W
48(4:1)
18-72
±12
±0.25
≥82
±140
TP06DA48D15W
48(4:1)
18-72
±15
±0.2
≥79
±47


Similar Part No. - TP06DA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
237Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
233Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA05D05 TOPPOWER-TP06DA05D05 Datasheet
746Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA05D05 TOPPOWER-TP06DA05D05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP06DA

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
6W Wide Voltage Input DC/DC Converters
logo
MicroPower Direct, LLC
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
logo
Toppower Electronic Tec...
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA_19 Datasheet
746Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06AZ TOPPOWER-TP06AZ Datasheet
288Kb / 3P
6W 3KV Isolation Wide Input AC/DC Converters
TP06DA TOPPOWER-TP06DA_V01 Datasheet
237Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA_V02 Datasheet
233Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com