Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP10AT Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP10AT
Description  10W 2.5KV Isolation Wide Input AC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10AT Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP10AT Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10AT Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10AT Datasheet HTML 3Page - Toppower Electronic Technology Limited TP10AT Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP10AT Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 /4
DESCRIPTION
:
The rated output power of TP10AT converters is 10W with wide input voltage range, for both AC input and
DC input application. High reliability, precision, large power density, ultra-small size, no external heat sink
required, stable output voltage and etc, with over current protection, EMI filter circuit, the rectifier filter
circuit, 2500V isolation voltage, short circuit, overload, internal thermal protection, Widely used in
telecommunications, industrial control, instrument, data acquisition, signal control and other electronic
systems.
10W 2.5KV Isolation Wide Input AC/DC Converters
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage
:2:1 and 4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature :-25ºC to 70ºC
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ. )
%
Recommend output external capacitor
Rated
Range values
Voltage
(VDC)
Current
(A)
C1
、C2、C3
C4
C5
、C6
(VAC)
TP10AT220S05
220(2:1)
165-265
5
2.00
76
0.1uF/25V
1000uF/16V
/
TP10AT220S12
220(2:1)
165-265
12
0.85
80
0.1uF/25V
470uF/25V
/
TP10AT220S15
220(2:1)
165-265
15
0.67
81
0.1uF/25V
470uF/25V
/
TP10AT220S24
220(2:1)
165-265
24
0.42
84
0.1uF/25V
330uF/35V
/
TP10AT220D05
220(2:1)
165-265
±5
±1.0
76
0.1uF/25V
470uF/16V
470uF/16V
TP10AT220D12
220(2:1)
165-265
±12
±0.42
80
0.1uF/25V
330uF/25V
330uF/25V
TP10AT220D15
220(2:1)
165-265
±15
±0.33
81
0.1uF/25V
330uF/25V
330uF/25V
TP10AT220D05P05
220(2:1)
165-265
+5/+5
1.6/0.4
75
0.1uF/25V
1000uF/16V
330uF/16V
TP10AT220D05P12
220(2:1)
165-265
+5/+12
1.0/0.4
79
0.1uF/25V
680uF/16V
330uF/25V
TP10AT220D05P15
220(2:1)
165-265
+5/+15
1.1/0.3
79
0.1uF/25V
680uF/16V
330uF/25V
TP10AT220D05P24
220(2:1)
165-265
+5/+24
1.0/0.2
81
0.1uF/25V
680uF/16V
220uF/35V
TP10AT220T05D05
220(2:1)
165-265
+5/±5
1.6/±0.2
74
0.1uF/25V
1000uF/16V
330uF/16V
TP10AT220T05D12
220(2:1)
165-265
+5/±12
1.2/±0.2
75
0.1uF/25V
680uF/16V
220uF/25V
TP10AT220T05D15
220(2:1)
165-265
+5/±15
1.1/±0.15
75
0.1uF/25V
680uF/16V
220uF/25V
TP10AT220T05D24
220(2:1)
165-265
+5/±24
1.3/±0.08
77
0.1uF/25V
680uF/16V
100uF/35V
TP10AT220S05W
220(4:1)
85-265
5
2.00
76
0.1uF/25V
1000uF/16V
/
TP10AT220S12W
220(4:1)
85-265
12
0.85
80
0.1uF/25V
470uF/25V
/
TP10AT220S15W
220(4:1)
85-265
15
0.67
81
0.1uF/25V
470uF/25V
/
TP10AT220S24W
220(4:1)
85-265
24
0.42
84
0.1uF/25V
330uF/35V
/
TP10AT220D05W
220(4:1)
85-265
±5
±1.0
76
0.1uF/25V
470uF/16V
470uF/16V
TP10AT220D12W
220(4:1)
85-265
±12
±0.42
80
0.1uF/25V
330uF/25V
330uF/25V
TP10AT220D15W
220(4:1)
85-265
±15
±0.33
81
0.1uF/25V
330uF/25V
330uF/25V
TP10AT220D05P05W
220(4:1)
85-265
+5/+5
1.6/0.4
75
0.1uF/25V
1000uF/16V
330uF/16V
TP10AT220D05P12W
220(4:1)
85-265
+5/+12
1.0/0.4
79
0.1uF/25V
680uF/16V
330uF/25V
TP10AT220D05P15W
220(4:1)
85-265
+5/+15
1.1/0.3
79
0.1uF/25V
680uF/16V
330uF/25V
TP10AT220D05P24W
220(4:1)
85-265
+5/+24
1.0/0.2
81
0.1uF/25V
680uF/16V
220uF/35V
TP10AT220T05D05W
220(4:1)
85-265
+5/±5
1.6/±0.2
74
0.1uF/25V
1000uF/16V
330uF/16V
TP10AT220T05D12W
220(4:1)
85-265
+5/±12
1.2/±0.2
75
0.1uF/25V
680uF/16V
220uF/25V
TP10AT220T05D15W
220(4:1)
85-265
+5/±15
1.1/±0.15
75
0.1uF/25V
680uF/16V
220uF/25V
TP10AT220T05D24W
220(4:1)
85-265
+5/±24
1.3/±0.08
77
0.1uF/25V
680uF/16V
100uF/35V


Similar Part No. - TP10AT

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
10W 4KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP10AC220S03W TOPPOWER-TP10AC220S03W Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP10AC220S05W TOPPOWER-TP10AC220S05W Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP10AC220S09W TOPPOWER-TP10AC220S09W Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP10AT

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC Datasheet
192Kb / 3P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AZ TOPPOWER-TP03AZ Datasheet
230Kb / 3P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR Datasheet
242Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS Datasheet
214Kb / 4P
5W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS TOPPOWER-TP10AS Datasheet
208Kb / 4P
10W 2.5KV Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
15W 2.5KV Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU Datasheet
215Kb / 4P
20W 2.5KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com