Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP30DG Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TP30DG
Description  30W Wide Voltage Input DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP30DG Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TP30DG Datasheet HTML 1Page - Toppower Electronic Technology Limited TP30DG Datasheet HTML 2Page - Toppower Electronic Technology Limited TP30DG Datasheet HTML 3Page - Toppower Electronic Technology Limited TP30DG Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP30DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 /4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT
Dual Output:
Trim application &Trim Resistance
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+ vin
-vin
Cin
+
+ V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
+Vo
Trim(Vadj)
-Vo
DC-DC
R
+Vo
Trim(Vadj)
-Vo
R
DC-DC
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.
Raise the output Voltage
Down the output voltage
In dual and triple output modules, this application can just used in the main load(auxiliary road change together with the main load)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com