Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPA2
Description  1W Isolated Single and Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPA2 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPA2 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPA2 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPA2 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPA 24V & 48V Series
www.gztoppower.con
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 3 / 3
All dimensions in mm ±0.25mm. All pins on a 2.54 mm pitch and within ±0.25 mm of true position.
*7.70 for 48V variants
**7.50 for 48V
Weight: 2.4g (24V DIP)
2.9g (48V DIP)
2.2 g(24V SIP)
2.9g(48V SIP)
*Pin not fitted on single output variants
MECHANICAL DIMENSIONS
PIN CONNECTIONS-14PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
11*
-Vout
14
+Vin
PIN CONNECTIONS-7PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
OV
6
+Vout
RECOMMENDED FOOTPRINT DETAILS
RoHS COMPLIAIVCE INFORMATION
DIP Package
SIP Package
14 Pin DIP Tube
7 Pin SIP Tube
0.65
5.10
12.00
9.30
5.00
14 Pin DIP Package
7 Pin SIP Package
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin SIP) :520mm ±2mm.
Tube Quantity : 25
1.15
1.00
6 HOLES
2.54
5 HOLES
1.00
1.15
2.54
bottom view
bottom view
*
2.54
0.55
0.45
10.00
6.00
7.62
1.09
6.80
9.80
2.00
0.30
0.20
12.70
1.25
4.60
3.60
YYWW
TPA2405S
19.50
0.55
0.45
TPA2405D
YYWW
19.50
4.60
3.60
2.54
0.55
0.45
1
7
8
9
11
14
1
2
4
5
6
0.30
0.20
2.13
15.24
*
* *
TOPPOWER
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com