Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPE2 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPE2
Description  1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE2 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPE2 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE2 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE2 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPE 15V, 24V &48V Series
www.gztoppower.com
TEL:020-61038836
EMAIL:sales@gztoppower.com
page 3 of 3
*7.70 for 48V variants
**7.50 for 48V variants
Weight: 1.48g (DIP) 1.30g (SIP)
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
MECHANICAL DIMENSIONS
PIN CONNECTIONS
8 PIN DIP
Pin
Function
1
-Vin
4
+Vin
5
+Vout
7
-Vout
4 PIN SIP
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
8 Pin DIP Package
4 Pin SIP Package
8Pin DIP Tube
4Pin SIP Tube
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (8 Pin DIP) : 520mm ±2mm.
Tube length (4 Pin SIP) : 520mm ±2mm.
Tube Quantity : 35PCS
0.65
5.10
12.00
9.30
5.00
1.15
1.00 4 孔
2.54
4HOLES
1.15
1.00 4孔
2.54
4HOLES
11.48
TPE2405S
YYWW
2.54
4
5
7
1
YYWW
TPE2405D
11.50
7.62
5.08
9.80
6.80
4.60
3.60
6.00
10.00
0.55
0.45
4.60
3.60
1
2
3
4
1.94
1.25
0.30
0.20
0.55
0.45
7.63
1.09
0.30
0.20
1.94
0.55
0.45
7.62
2.54
bottom view
bottom view
**
*
TOPPOWER
TOPPOWER
DIP Package
SIP Package
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com