Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2087 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # M2087
Description  VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2087 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button M2087 Datasheet HTML 5Page - Integrated Circuit Systems M2087 Datasheet HTML 6Page - Integrated Circuit Systems M2087 Datasheet HTML 7Page - Integrated Circuit Systems M2087 Datasheet HTML 8Page - Integrated Circuit Systems M2087 Datasheet HTML 9Page - Integrated Circuit Systems M2087 Datasheet HTML 10Page - Integrated Circuit Systems M2087 Datasheet HTML 11Page - Integrated Circuit Systems M2087 Datasheet HTML 12Page - Integrated Circuit Systems M2087 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
M2080/81/82 Datasheet Rev 0.4
9 of 14
Revised 30Jul2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M2080/81/82, M2085/86/87
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
External Loop Filter
To provide stable PLL operation, the M2080/81/82
requires the use of an external loop filter. This is
provided via the provided filter pins (see Figure 5).
The loop filter is implemented as a differential circuit
to minimize system noise interference.
Figure 5: External Loop Filter
PLL bandwidth is affected by loop filter component
values, “Mfec” and “Mfin” values, and the “PLL Loop
Constants” listed in AC Characteristics on pg. 12.
The FEC_SEL setting can be used to actively change PLL
loop bandwidth in a given application. See “Mfec and
Rfec Divider Look-Up Tables (LUTs)” on pg. 3.
See Table 11, Example Values for Loop Filter External
Components, below.
PLL Simulator Tool Available
A free PC software utility is available on the ICS website
(www.icst.com). The M2000 Timing Modules PLL
Simulator is a downloadable application that simulates
PLL jitter and wander transfer characteristics. This
enables the user to set appropriate external loop
component values in a given application.
Refer to the M208x Series product web page at
www.icst.com/products/summary/m2080-2087.htm
for additional product information.
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
6
7
5
49
8
Example Values for Loop Filter External Components 1
for Particular M208x Series Devices
VCSO Parameters: KVCO = 800kHz/V, RIN = 100kΩ (pin NBW = 0), VCSO Bandwidth = 700kHz.
Device
Device Configuration
Example External Component Values
Nominal Performance With These Values
FRef
(MHz)
F
VCSO
(MHz)
FIN_SEL
1:0
MRSEL
1:0
R loop
C loop
R post
C post
PLL Loop
Bandwidth
Damping
Factor
Passband
Peaking (dB)
M2080
, M2080 622.08
622.08
1 1
0 1
5.6
k
Ω
10
µF
68
k
Ω
470
pF
530
Hz
6.5
0.05
M2080
, M2085 155.52
669.3266
1 0
1 0 0243.0
k
Ω
0.1
µF
34
k
Ω
470
pF
1k
Hz
5.9
0.06
M2081
, M2086
77.76
622.08
0 1
0 1
8.2
k
Ω
10
µF
100
k
Ω
470
pF
360
Hz
6.5
0.05
M2081
19.44
622.08
0 0
1 1
8.2
k
Ω
10
µF
100
k
Ω
470
pF
360
Hz
6.5
0.05
Table 11: Example Values for Loop Filter External Components
Note 1: K
VCO , VCSO Bandwidth, M Divider Value, and External Loop Filter Component Values determine Loop Bandwidth, Damping Factor, and
Passband Peaking. For PLL Simulator software, go to www.icst.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com