Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPI
Description  1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPI Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPI Datasheet HTML 1Page - Toppower Electronic Technology Limited TPI Datasheet HTML 2Page - Toppower Electronic Technology Limited TPI Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPI Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
第 2 页 共 3 页
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. See below recommended circuits for more details;
3.
Operation under minimum load will not damage the converter; However, they may not meet all
specification listed, and that will reduce the life of product.
TYPICAL CHARACTERISTICS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1
+Vin
2
-Vin
7
+Vout
9
-Vout
10
0V
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 1000VDC
1
G
All dimensions in:mm±0.10mm
Others in±0.25mm
All dimensions in mm ±0.5mm.
Tube length : 530mm
Tube Quantity:18PCS
Tube length 220mm
Tube Quantity:7PCS
Unless otherwise stated all dimensions in mm ±0.5mm.
12.00
1.25
2.32
0.50
4.10
1
2
7
9
10
bottom view
27.50
9.50
2.54
0.50
TPI0505S
YYWW
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com